Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

O20.0-JCO8-3-A-3.3V-T1 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # O20.0-JCO8-3-A-3.3V-T1
Description  Pin Type Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O20.0-JCO8-3-A-3.3V-T1 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  O20.0-JCO8-3-A-3.3V-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O20.0-JCO8-3-A-3.3V-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · JCO · 3.3 V
Preferred Type
JCO8-3-B-3.3
JCO14-3-B-3.3
Enable / Disable Function
pin #1
pin #3
open or high
oscillation
gnd or low
high impedance
Marking
type
frequency
company code / date code
ca. 3.5 °C/s
ca. 2.0 °C/s
ca. 5.0 °C/s
150
260
50
100
200
0
20
time (seconds)
60
100
140
180 220
Wave Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Packaging
JCO8-3-B
packed in antistatic plastic tubes, 40 pcs
JCO14-3-B
packed in antistatic plastic tubes, 25 pcs


Similar Part No. - O20.0-JCO8-3-A-3.3V-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O20.0-JCO8-3-A-T1 JAUCH-O20.0-JCO8-3-A-T1 Datasheet
79Kb / 2P
   Oscillator
More results

Similar Description - O20.0-JCO8-3-A-3.3V-T1

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAC5 MMD-MAC5 Datasheet
79Kb / 2P
   14 Pin DIP Oscillator
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
   14 Pin DIP Oscillator
logo
Maxim Integrated Produc...
MAX7375 MAXIM-MAX7375 Datasheet
603Kb / 7P
   3-Pin Silicon Oscillator
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7375 MAXIM-MAX7375_V01 Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Fox Electronics
F5L-4G FOX-F5L-4G Datasheet
89Kb / 1P
   14-PIN DIP PECL OSCILLATOR
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com