Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-7850SLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # AD-7850SLF
Description  ADSL LINE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-7850SLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-7850SLF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER
P/N: AD-7850S LF DATA SHEET
Feature
l
Matched to Globespan G24 ADSL+Chipset with
Elantec Line Drivers.
l
Designed to comply with EN60950 basic insulation.
l
Operating temperature range : 0℃ to +60℃.
l
Storage temperature range: -25℃ to +75℃.
Electrical Specifications @ 25°C
Part
Number
Mounting
Turn Ratio (±2%)
(Line:Chip)
PRI OCL
(uH ±7%)
Leakage Inductance
(uH Max)
AD-7850S LF
SMT
0.90:1
1000
10.5
Additional Specifications
Part
Number
Interwinding Capacitance
(pF Max)
THD (dB Min)
@25KHz,5Vrms
Isolation Voltage
(Vrms)
AD-7850S LF
15
-78
1500
Schematic
Mechanical
Bothhandusa.com
AD-7850S LF


Similar Part No. - AD-7850SLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-7017 BOTHHAND-AD-7017 Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
logo
Amphenol Corporation
AD-716J4310J-1 AMPHENOL-AD-716J4310J-1 Datasheet
258Kb / 1P
   7/16 JACK TO 4.3-10 JACK GRADE 2 ADAPTER
AD-716J4310P-1 AMPHENOL-AD-716J4310P-1 Datasheet
229Kb / 1P
   7/16 JACK TO 4.3-10 JACK TO 4.3-10 PLUG ADAPTER
AD-716P4310J-1 AMPHENOL-AD-716P4310J-1 Datasheet
251Kb / 1P
   7/16 PLUG TO 4.3-10 JACK ADAPTER
AD-716P4310P-1 AMPHENOL-AD-716P4310P-1 Datasheet
222Kb / 1P
   7/16 PLUG TO 4.3-10 PLUG GRADE 2 ADAPTOR
More results

Similar Description - AD-7850SLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com