Selected language     English  ▼


Q10.0-JXS75-12-10 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part No. Q10.0-JXS75-12-10
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 1 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
General Data
ESR (series resistance Rs)
SMD Quartz Crystal · JXS75
± 10 ppm type available
EMI shielding possible by grounded lid
reflow soldering temperature: 260 °C max.
ceramic / metal package
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
9A = 2009 January
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in
Ω
in
Ω
5.53 ~ 5.99
fund.- AT
150
80
6.0 ~ 6.99
fund.- AT
100
60
7.0 ~ 9.99
fund.- AT
80
20
10.0 ~ 15.99
fund.- AT
60
20
16.0 ~ 21.99
fund.- AT
50
15
22.0 ~ 24.99
fund.- AT
40
15
25.0 ~ 54.00
fund.- AT
30
15
24.0 ~ 150.00 3rd OT - AT on request
on request
actual size
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
7.5 max.
4.5±0.1
# 4
# 1
# 3
# 2
#4
#3
#1
#2
#3
#4
#2
#1
6.3±0.1
2.2±0.1
1.5±0.1
Dimensions
in mm
top view
side view
bottom view
crystal connection
pad layout
#2 - #4: connected to lid
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
Order Information
Example: Q 28.0-JXS75-12-30/30-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
Quartz
5.53 ~ 170.0 MHz
JXS75
12 pF standard
8 pF ~ 30 pF
S for series
10 = ± 10 ppm
30 = ± 30 ppm
see table
option
stability at
25 °C
stability vs.
temp. range
4 Pad Version
· 7.5 x 5.2 mm
JXS75
05.53 ~ 54.0 MHz
( fund. AT-cut )
24.00 ~ 150.0 MHz
( 3rd OT AT-cut )
60.00 ~ 170.0 MHz
( fund. AT-cut ) on request
± 10 ppm ~ ± 30 ppm
12 pF standard
(option 8 pF ~ 30 pF / series)
< 7 pF
-40 °C ~ +90 °C
100 µW
< ± 3 ppm first year
Frequency Stability vs. Temperature
± 10 ppm
± 15 ppm
± 20 ppm
± 30 ppm
± 50 ppm
100 ppm
OO
O
OO
OO
O
O
O
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
standard
O
available
071009




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl