Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59975C0120A070 Datasheet(PDF) 4 Page - EPCOS

Part # B59975C0120A070
Description  PTC thermistors for overcurrent protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59975C0120A070 Datasheet(HTML) 4 Page - EPCOS

  B59975C0120A070 Datasheet HTML 1Page - EPCOS B59975C0120A070 Datasheet HTML 2Page - EPCOS B59975C0120A070 Datasheet HTML 3Page - EPCOS B59975C0120A070 Datasheet HTML 4Page - EPCOS B59975C0120A070 Datasheet HTML 5Page - EPCOS B59975C0120A070 Datasheet HTML 6Page - EPCOS B59975C0120A070 Datasheet HTML 7Page - EPCOS B59975C0120A070 Datasheet HTML 8Page - EPCOS B59975C0120A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics (typical)
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IR versus ambient temperature TA
(measured in still air)
Overcurrent protection
Leaded disks, coated, 12 V, 24 V
C935 ... C995
Page 4 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59975C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59975C0120A070 EPCOS-B59975C0120A070 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59975C0120A070 EPCOS-B59975C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59975C0120A070 EPCOS-B59975C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59975C0120A070 EPCOS-B59975C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59975C0120A070 EPCOS-B59975C0120A070 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59975C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com