Selected language     English  ▼


Q1.8432-S-30-3 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part No. Q1.8432-S-30-3
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 1 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Quartz Crystal · HC49/U-SMC
SMD Crystal Version
· 17.5 x 10.8 mm
actual size
ESR (series resistance Rs)
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
0.92 / 1.000
fund.- SL
3000
800
1.8432
fund.- AT
800
400
2.00 ~ 2.999
fund.- AT
400
200
3.00 ~ 3.4999
fund.- AT
150
50
3.57 ~ 6.9999
fund.- AT
60
20
7.00 ~ 12.999
fund.- AT
30
15
13.0 ~ 40.000
fund.- AT
20
10
20.0 ~ 105.00 3rd OT - AT
80
35
50.0 ~ 175.00 5th OT - AT
150
70
General Data
Order Information
Example: Q 28.0-S-30-30/30-FU-SMC
(Suffix LF = RoHS compliant / Pb free pins)
Q
frequency
type
load capacitance
in pF
Quartz
0.9216 ~ 250.0 MHz
S
30 pF standard
12 pF ~ 32 pF
S for series
± 3 ppm ~± 50 ppm
see table
± 100 ppm SL-cut
other see table
option
stability at
25 °C
stability vs.
temp. range
17.5±0.3
1.7
in mm
2.0±0.1
16.0±0.1
2.4±0.1
S (HC49/U-SMC)
0.92160 / 1.000 MHz
( fund. SL-cut )
1.8432 ~ 40.0 MHz
( fund. AT-cut )
20.0 ~ 105.0 MHz
( 3rd OT AT-cut )
50.0 ~ 175.0 MHz
( 5th OT AT-cut )
70.0 ~ 250.0 MHz
( 7th OT AT-cut )
± 3 ppm ~ ± 50 ppm
8 pF ~ 32 pF or series
< 7 pF
-55 °C ~ +125 °C
1.0 mW
< ± 5 ppm first year
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
Dimensions
Frequency Stability vs. Temperature
0 °C ~ +60 °C
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
-40 °C ~ +90 °C
T4
-40 °C ~ +105 °C
T2
-40 °C ~ +125 °C
T3
± 3 ppm
± 5 ppm
± 10 ppm
± 30 ppm
± 50 ppm
± 100 ppm
OO
O
OO
OO
OO
O
OO
O
O
standard
O
available
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
T2 = -40 °C ~ +105 °C
T3 = -40 °C ~ +125 °C
T4 = -40 °C ~ +90 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
5OT = 5th overtone
7OT = 7th overtone
pad layout
available for developed frequencies only
SMD version
reflow soldering temperature: 260 °C max.
SMD
version
SMC




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl