Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37940R0010J043 Datasheet(PDF) 9 Page - EPCOS

Part # B37940R0010J043
Description  Multilayer ceramic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940R0010J043 Datasheet(HTML) 9 Page - EPCOS

Back Button B37940R0010J043 Datasheet HTML 5Page - EPCOS B37940R0010J043 Datasheet HTML 6Page - EPCOS B37940R0010J043 Datasheet HTML 7Page - EPCOS B37940R0010J043 Datasheet HTML 8Page - EPCOS B37940R0010J043 Datasheet HTML 9Page - EPCOS B37940R0010J043 Datasheet HTML 10Page - EPCOS B37940R0010J043 Datasheet HTML 11Page - EPCOS B37940R0010J043 Datasheet HTML 12Page - EPCOS B37940R0010J043 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Ordering codes and packing for C0G, 50 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
∅180-mm reel
Cardboard tape,
∅330-mm reel
*
1
*
3
CR
Ordering code
mm
pcs./reel
pcs./reel
Case size 0508, 50 VDC, 4-fold arrays
10 pF
B37940R5100K04*
0.85
±0.1
4000
16000
15 pF
B37940R5150K04*
0.85
±0.1
4000
16000
22 pF
B37940R5220K04*
0.85
±0.1
4000
16000
33 pF
B37940R5330K04*
0.85
±0.1
4000
16000
47 pF
B37940R5470K04*
0.85
±0.1
4000
16000
100 pF
B37940R5101K04*
0.85
±0.1
4000
16000
220 pF
B37940R5221K04*
0.85
±0.1
4000
16000
Case size 0612, 50 VDC, 4-fold arrays
10 pF
B37871R5100K04*
0.85
±0.1
4000
16000
15 pF
B37871R5150K04*
0.85
±0.1
4000
16000
22 pF
B37871R5220K04*
0.85
±0.1
4000
16000
33 pF
B37871R5330K04*
0.85
±0.1
4000
16000
47 pF
B37871R5470K04*
0.85
±0.1
4000
16000
100 pF
B37871R5101K04*
0.85
±0.1
4000
16000
220 pF
B37871R5221K04*
0.85
±0.1
4000
16000
330 pF
B37871R5331K04*
0.85
±0.1
4000
16000
470 pF
B37871R5471K04*
0.85
±0.1
4000
16000
Multilayer ceramic capacitors
C0G
Page 8 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37940R0010J043

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940R0100J021 EPCOS-B37940R0100J021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100J041 EPCOS-B37940R0100J041 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100K021 EPCOS-B37940R0100K021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100K041 EPCOS-B37940R0100K041 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100M021 EPCOS-B37940R0100M021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
More results

Similar Description - B37940R0010J043

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com