Selected language     English  ▼


Q0.92-MQ1-9-10 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part No. Q0.92-MQ1-9-10
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 1 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
ESR (series resistance Rs)
Quartz Crystal · MQ1 (UM-1)
high frequency stability
wave soldering temperature: 260 °C max.
package height 8.0 mm max.
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in
Ω
in
Ω
0.92 / 1.000
fund.- SL
3000
800
4.00 ~ 4.9999
fund.- AT
150
80
5.00 ~ 9.9999
fund.- AT
80
40
10.0 ~ 14.999
fund.- AT
40
20
15.0 ~ 40.000
fund.- AT
30
15
20.0 ~ 49.999 3rd OT - AT
80
40
50.0 ~ 105.00 3rd OT - AT
60
30
50.0 ~ 175.00
5th OT - AT
150
80
70.0 ~ 119.99
7th OT - AT
200
150
120.0 ~ 250.0
7th OT - AT
180
120
actual size
General Data
MQ1 ( UM-1 )
0.9216 / 1.0 MHz*
( fund. SL-cut )
4.00 ~ 40.00 MHz
( fund. AT-cut )
20.0 ~ 105.0 MHz
( 3rd OT AT-cut )
50.0 ~ 175.0 MHz
( 5th OT AT-cut )
70.0 ~ 250.0 MHz
( 7th OT AT-cut )
± 5 ppm ~ ± 30 ppm
8 pF ~ 32 pF or series
< 7 pF
-55 °C ~ +125 °C
500 µW
(100 µW recommended)
< ± 3 ppm first year
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
8.0 max.
12.7 min.
3.3±0.1
Dimensions
in mm
± 3 ppm
± 5 ppm
± 10 ppm
± 30 ppm
± 50 ppm
± 100 ppm
OO
O
OO
OO
OO
O
OO
O
OO
O
O
Frequency Stability vs. Temperature
note: taping specification – see www.jauch.de
standard
O
available
blank = -20 °C ~ + 70 °C
T1 = -40 °C ~ + 85 °C
T2 = -40 °C ~ +105 °C
T3 = -40 °C ~ +125 °C
T4 = -40 °C ~ + 90 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
5OT = 5th overtone
7OT = 7th overtone
TR = taped
MP = middle pin
LL = lead length in mm
PT = plastic tray
Order Information
Example: Q 30.0-MQ1-30-30/50-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
in pF
Quartz
0.9216 ~ 250.0 MHz
MQ1
8 pF ~ 32 pF
S for series
± 5 ~ ± 30 ppm
± 50 ppm for SL-cut
± 30 ppm std.
± 100 ppm for SL-cut
option
stability at
25 °C
stability vs.
temp. range
Pin Type Crystal
· 7.9 x 3.3 mm
131008
* other frequencies upon request
0 °C ~ +60 °C
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
-40 °C ~ +90 °C
T4
-40 °C ~ +105 °C
T2
-40 °C ~ +125 °C
T3
-10 °C ~ +60 °C
SL
-20 °C ~ +70 °C
SL




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl