Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65621J3150K048 Datasheet(PDF) 2 Page - EPCOS

Part # B65621J3150K048
Description  Ferrites and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65621J3150K048 Datasheet(HTML) 2 Page - EPCOS

  B65621J3150K048 Datasheet HTML 1Page - EPCOS B65621J3150K048 Datasheet HTML 2Page - EPCOS B65621J3150K048 Datasheet HTML 3Page - EPCOS B65621J3150K048 Datasheet HTML 4Page - EPCOS B65621J3150K048 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Delivery mode: sets
Magnetic characteristics (per set)
Σl/A = 0.257 mm–1
le
= 62.1 mm
Ae
= 242 mm2
Amin = 200 mm2
Ve
= 15030 mm3
Approx. weight 82 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code
-J with center hole
N48
250
± 3%
1.35
51
B65621J0250A048
630
± 3%
0.43
129
B65621J0630A048
3150
±10%
0.05
643
B65621J3150K048
Material
AL value
nH
µ
e
Ordering code
-J with center hole
N48
8400 +30/–20%
1720
B65621J0000R048
FPK0174-1
ø5.5+0.2
0.5
ø17.5 _
30 1.5
_
B65621
Core
P 41
× 25


Similar Part No. - B65621J3150K048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65621J3150K048 EPCOS-B65621J3150K048 Datasheet
300Kb / 9P
   Ferrites and accessories
logo
TDK Electronics
B65621J3150K048 TDK-B65621J3150K048 Datasheet
454Kb / 9P
   Ferrites and accessories
More results

Similar Description - B65621J3150K048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com