Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65661 Datasheet(PDF) 2 Page - EPCOS

Part # B65661
Description  Ferrites and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65661 Datasheet(HTML) 2 Page - EPCOS

  B65661_09 Datasheet HTML 1Page - EPCOS B65661_09 Datasheet HTML 2Page - EPCOS B65661_09 Datasheet HTML 3Page - EPCOS B65661_09 Datasheet HTML 4Page - EPCOS B65661_09 Datasheet HTML 5Page - EPCOS B65661_09 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
10/09
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 60133
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.5
31.6
63
1990
0.46
33.2
72.6
58.1
2410
mm–1
mm
mm2
mm2
mm3
m
1314g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-N with threaded sleeve
N48
160
3%
0.50
64
B65661+0160A048
250
3%
0.26
100
B65661+0250A048
315
3%
0.22
126
B65661+0315A048
630
3%
0.10
251
B65661+0630A048
1250
5%
0.05
499
B65661D1250J048
Material
AL value
nH
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
K1
220 +30/–20%
88
B65661D0000R001
N48
3800 +30/–20%
1520
B65661D0000R048
N30
8300 +30/–20%
3020
B65661W0000R030
T38
16000 +40/–30%
5820
B65661W0000Y038
N87
4400 +30/–20%
1600
< 1.1 (200 mT, 100 kHz, 100 °C)
B65661W0000R087
FPK0118-Q
M2
ø4.4+0.2
0.3
ø9.4 _
13.9 0.6
_
1) Replace the + by the code letter ”D“ or ”N“ for the required version.
B65661
Core
P 22
 13


Similar Part No. - B65661_09

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B65661+0160A048 TDK-B65661+0160A048 Datasheet
518Kb / 10P
   Ferrites and accessories
B65661+0250A048 TDK-B65661+0250A048 Datasheet
518Kb / 10P
   Ferrites and accessories
B65661+0315A048 TDK-B65661+0315A048 Datasheet
518Kb / 10P
   Ferrites and accessories
B65661+0630A048 TDK-B65661+0630A048 Datasheet
518Kb / 10P
   Ferrites and accessories
logo
EPCOS
B65661D0000R001 EPCOS-B65661D0000R001 Datasheet
513Kb / 6P
   Ferrites and accessories
More results

Similar Description - B65661_09

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com