Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF10D Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # GF10D
Description  Surface Mount Glass Passivated Recifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

GF10D Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  GF10D Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd GF10D Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES GF10A THRUGF10M
0.01
0.01
0.1
1.0
10
0.1
20
10
30
40
50
 20
 10
20
40
60
80
100
120
140
10
100
0.6
0.8
1.0
1.5
1.4
1.2
25
50
75
125
100
150
175
0.2
0.4
0.6
0.8
1.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (VOLTS)
PERCENT OF RATED PEAK REVERSE VOLTAGE %
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
TJ=25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=100 C
TJ=25 C
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
 1
0.1
10
100
 10
 100
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25 C
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
7-15


Similar Part No. - GF10D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10D ZOWIE-GF10D Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zibo Seno Electronic En...
GF10D ZSELEC-GF10D Datasheet
56Kb / 2P
   10.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zowie Technology Corpor...
GF10DH ZOWIE-GF10DH Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF10DL ZOWIE-GF10DL Datasheet
213Kb / 2P
   Super Low VF Rectifier Diode
GF10DLH ZOWIE-GF10DLH Datasheet
66Kb / 2P
   Super Low VF Rectifier Diode
More results

Similar Description - GF10D

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
S1A JINANJINGHENG-S1A Datasheet
64Kb / 2P
   Surface Mount Glass Passivated Recifier
logo
Leshan Radio Company
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED
logo
Leshan Radio Company
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
   Surface Mount Glass Passivated
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED
logo
Leshan Radio Company
HFM102 LRC-HFM102_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
FFM101 LRC-FFM101_15 Datasheet
178Kb / 4P
   Surface Mount Glass Passivated
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com