Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65659F0001X023 Datasheet(PDF) 3 Page - EPCOS

Part # B65659F0001X023
Description  PM/P/P Cores Halves/EP/TT/PR Cores
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65659F0001X023 Datasheet(HTML) 3 Page - EPCOS

  B65659F0001X023 Datasheet HTML 1Page - EPCOS B65659F0001X023 Datasheet HTML 2Page - EPCOS B65659F0001X023 Datasheet HTML 3Page - EPCOS B65659F0001X023 Datasheet HTML 4Page - EPCOS B65659F0001X023 Datasheet HTML 5Page - EPCOS B65659F0001X023 Datasheet HTML 6Page - EPCOS B65659F0001X023 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Standard:
to IEC 60133
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0® [E45329 (M)], GE PLASTICS B V
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Insulating washer between core and coil former
For tolerance compensation and for insulation
Polycarbonate spring washer (UL 94 V-0, insulation class to IEC 60085: E 120 °C), 0.08 mm thick
Aryphan F685, [E167358 (M)], natural color, LOFO HIGH TECH FILM GMBH
Coil former
Insulating washer
Coil former
Bestellnummer
Sections
AN
mm2
lN
mm
AR value
µΩ
1
16
35.6
87
B65652B0000T001
Insulating washer (reel packing, PU = 1 reel)
B65652A5000X000
FPK0351-9
0.5
7
AN
0.1
_
(preliminary data)
B65652
Accessories
P 18
× 11


Similar Part No. - B65659F0001X023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
479Kb / 13P
   Ferrites and accessories
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
567Kb / 17P
   Ferrites and accessories
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
453Kb / 12P
   Ferrites and accessories
More results

Similar Description - B65659F0001X023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65522 EPCOS-B65522 Datasheet
98Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65621 EPCOS-B65621 Datasheet
110Kb / 5P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65661 EPCOS-B65661 Datasheet
142Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
October 2009
B65671 EPCOS-B65671 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65517 EPCOS-B65517 Datasheet
157Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65839-A63-A38 EPCOS-B65839-A63-A38 Datasheet
114Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65701 EPCOS-B65701 Datasheet
128Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65651 EPCOS-B65651 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65541 EPCOS-B65541 Datasheet
146Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65611 EPCOS-B65611 Datasheet
133Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com