Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65679E0003X022 Datasheet(PDF) 4 Page - EPCOS

Part # B65679E0003X022
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65679E0003X022 Datasheet(HTML) 4 Page - EPCOS

  B65679E0003X022 Datasheet HTML 1Page - EPCOS B65679E0003X022 Datasheet HTML 2Page - EPCOS B65679E0003X022 Datasheet HTML 3Page - EPCOS B65679E0003X022 Datasheet HTML 4Page - EPCOS B65679E0003X022 Datasheet HTML 5Page - EPCOS B65679E0003X022 Datasheet HTML 6Page - EPCOS B65679E0003X022 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly for printed circuit boards
The set comprises a terminal carrier and a yoke
For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 85:
F
max. operating temperature 155 °C), color code gray
Pocan B4235®
[E245249 (M)], LANXESS AG
Solderability: to IEC 68-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 68-2-20, test Tb, method 1B: 350 °C, 3.5 s
Yoke
Spring yoke, made of tinned nickel silver (0.5 mm), with ground terminal
Complete mounting assembly (8 solder terminals)
Ordering code: B65705B0003X000
1) The 2.8 mm hole is only necessary for additional fixing with M 2.5 screw.
a) Yoke
b) Terminal carrier with 8 solder terminals
Hole arrangement
View in mounting direction
This recess must be on the side of the
grounding pin to ensure that the yoke
locks into position.
Grounding pin
Ground
B65705
Accessories
P 30
s 19


Similar Part No. - B65679E0003X022

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65679E0003X022 EPCOS-B65679E0003X022 Datasheet
92Kb / 7P
   Ferrites and accessories
B65679E0003X022 EPCOS-B65679E0003X022 Datasheet
418Kb / 14P
   Ferrites and accessories
B65679E0003X022 EPCOS-B65679E0003X022 Datasheet
735Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65679E0003X022

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com