Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65942 Datasheet(PDF) 2 Page - EPCOS

Part # B65942
Description  Ferrites and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65942 Datasheet(HTML) 2 Page - EPCOS

  B65942 Datasheet HTML 1Page - EPCOS B65942 Datasheet HTML 2Page - EPCOS B65942 Datasheet HTML 3Page - EPCOS B65942 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core
To IEC 62323
Recommended for new designs
For inductive proximity switches
Material N22 for the frequency
range from about 50 to 500 kHz
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0® [E45329 (M)], GE PLASTICS B V
Material
Approx. weight
g
Ordering code
N22
18
B65941A0000X022
AN
mm2
lN
mm
AR value
µΩ
Ordering code
24.4
62
87
B65942B0000T001
FPK0220-8
4.7
25+0.8
7+0.4
_
30.5 1
10.2 0.5
_
B65941, B65942
Core and accessories
PS 30.5
× 10.2


Similar Part No. - B65942

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65942 EPCOS-B65942 Datasheet
95Kb / 2P
   PS 30,5 횞 10,2 Core and Accessories
B65942 EPCOS-B65942 Datasheet
215Kb / 7P
   Ferrites and accessories
logo
TDK Electronics
B65942 TDK-B65942 Datasheet
344Kb / 7P
   Ferrites and accessories
logo
EPCOS
B65942-B-T1 EPCOS-B65942-B-T1 Datasheet
95Kb / 2P
   PS 30,5 횞 10,2 Core and Accessories
B65942B0000T001 EPCOS-B65942B0000T001 Datasheet
215Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65942

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com