Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGF20M Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # RGF20M
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

RGF20M Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  RGF20M Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd RGF20M Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGF20A THRU RGF20M
FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:2.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A.
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60HZ,resistive or inductive
load. For capacitive load,derate current by 20%.)
2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts.
GPRC( Glass Passivated Rectifier Chip) inside
Glass passivated cavity-free junction
For Surface Mount Applications, Easy to pick and place
Fast switching
Low leakage, Low forward voltage drop
High current capability,High current surge
High reliability
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
A
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Trr
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375"(9.5mm)lead length at TA=75 C
Maximum Instantaneous Forward Voltage
at 2.0 A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Maximum DC Reverse Current at rated DC
blocking voltage
Maximum full load reverse current full cycle
average. 0.375"(9.5mm)lead length at
TL=55 C
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-65 to+150
100
150
35
500
250
5.0
C
TJ
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
65.0
1.3
ns
2.0
SEMICONDUCTOR
Symbols
Units
RGF
20A
RGF
20B
RGF
20D
RGF
20G
RGF
20J
RGF
20K
RGF
20M
Dimensions in inches and (millimeters)
SMB(DO-214AA)
0.086(2.20)
0.096(2.44)
0.180(4.57)
0.220(5.59)
0.060(1.52)
0.012(0.305)
0.008(0.203)
    MAX
0.155(3.94)
0.077(1.95)
0.084(2.13)
0.160(4.06)
0.205(5.21)
0.030(0.76)
0.006(0.152)
0.130(3.30)
Case: JEDEC SMB(DO-214AA) molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: color band denotes cathode end
Weight: 0.003ounce,0.093 gram
GP
RC
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
9-28


Similar Part No. - RGF20M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF20M ZOWIE-RGF20M Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20MA ZOWIE-RGF20MA Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20MAH ZOWIE-RGF20MAH Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20MH ZOWIE-RGF20MH Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGF20M

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com