Electronic Components Datasheet Search |
|
O12.0-JSS53-B-3.3-D2-1-T1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh |
|
O12.0-JSS53-B-3.3-D2-1-T1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant Table 2: Current Consumption max. Current at 15pF load: 12.0 ~ 28.0 MHz 13 mA 28.1 ~ 80.0 MHz 15 mA 80.1 ~ 168.0 MHz 30 mA Table 3: Rise & Fall Time max. 5ns: 12.0 ~ 80.0 MHz 4ns: 80.1 ~ 168.0 MHz note: - specific data on request Oscillator · Spread Spectrum actual size Order Information Example: O 20.0-JSS53-B-3.3-C2-1 (Suffix LF = RoHS compliant / Pb free pins or pads) Oscillator 12.0 ~ 168.0 MHz JSS53 see table 1 3.3 = 3.3 V 1 = 15 pF blank = -10 °C ~ +70 °C T1 = -40 °C ~ +85 °C O frequency in MHz type frequency stability code supply voltage code output load code option Table 1: Frequency Stability Code stability code AB ± 100 ppm ± 50 ppm -10 °C ~ +70 °C O -40 °C ~ +85 °C OO • standard O on request center/down spread C1 = ± 0.5% C2 = ± 1.0% C4 = ± 2.0% D1 = – 1.0% D2 = – 2.0% D4 = – 4.0% Table 4: Jitter jitter (cycle to cycle, sigma) 200ps max. (at 10.0 ~ 19.9 MHz) 100ps max. (at 20.0 ~ 168.0 MHz) General Data JSS53 12.0 ~ 168.0 MHz ± 50ppm / ± 100ppm (see table 1) ± 0.5% / ± 1.0% / ± 2.0% -1.0% / -2.0% / -4.0% see table 2 3.3 V ± 5% -10 °C ~ +70 °C / -40 °C ~ +85 °C -40 °C ~ +85 °C see table 2 15pF 8 mA 0.2 x VDC 0.8 x VDC 10ms 10ns 10ms stop see table 4 45% ~ 55% typ. (40% ± 60% max.) 5.0±0.2 # 1 # 2 # 4 # 3 2.6±0.1 1.3±0.1 2.6±0.1 # 2 # 1 # 3 # 4 1.1±0.1 Dimensions in mm pin connection # 1: e/d # 2: ground # 3: output # 4: VDD top view side view bottom view pad layout * includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year. SMD Spread Spectrum Crystal Oscillator · 5.0 x 3.2 mm ■ different spread widths /modulations available ■ reduced EMI type ■ reflow soldering temperature: 260 °C max. ■ ceramic/metal package 111208 type frequency range frequency stability over all* center spread modulation down spread modulation current consumption supply voltage VDC temperature operating storage output rise & fall time load max. current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function jitter symmetry at 50% of Vpp center down |
Similar Part No. - O12.0-JSS53-B-3.3-D2-1-T1 |
|
Similar Description - O12.0-JSS53-B-3.3-D2-1-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |