Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84263C1400E003 Datasheet(PDF) 10 Page - EPCOS

Part # B84263C1400E003
Description  Filters for Power Lines
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84263C1400E003 Datasheet(HTML) 10 Page - EPCOS

Back Button B84263C1400E003 Datasheet HTML 6Page - EPCOS B84263C1400E003 Datasheet HTML 7Page - EPCOS B84263C1400E003 Datasheet HTML 8Page - EPCOS B84263C1400E003 Datasheet HTML 9Page - EPCOS B84263C1400E003 Datasheet HTML 10Page - EPCOS B84263C1400E003 Datasheet HTML 11Page - EPCOS B84263C1400E003 Datasheet HTML 12Page - EPCOS B84263C1400E003 Datasheet HTML 13Page - EPCOS B84263C1400E003 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Dimensional drawing 5 (cable glands at both ends)
4 x 16 A
B84263C1160E003
ΠInput end:
Cable gland PG 29/21
(PG 29 mounted, PG 21 and reducer ring in accessory bag)
 Shielded end:
Cable gland PG 29/21
(cable gland PG 29, PG 21 and reducer ring in accessory bag)
Paint color: RAL 7035 (light gray, semigloss)
Fixing dimensions
The cable glands (with cutout sealing ring) are suitable for the following overall cable diameter:
PG 29
17 to 19 mm
20 to 22 mm
23 to 25 mm
26 to 28 mm
PG 21
9 to 11 mm
12 to 14 mm
15 to 17 mm
18 to 20 mm
RF-tight connection to shielding wall with connector fitting, see page 16.
Filters for power lines (low leakage current)
B84263
16 to 100 A, 100 dB from 14 kHz
10


Similar Part No. - B84263C1400E003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84261C0023B011 EPCOS-B84261C0023B011 Datasheet
561Kb / 12P
   Filters for Power Lines
B84261C1101E001 EPCOS-B84261C1101E001 Datasheet
561Kb / 12P
   Filters for Power Lines
B84261C1400E001 EPCOS-B84261C1400E001 Datasheet
561Kb / 12P
   Filters for Power Lines
B84261D0023B011 EPCOS-B84261D0023B011 Datasheet
561Kb / 12P
   Filters for Power Lines
More results

Similar Description - B84263C1400E003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
C09E MURATA-C09E Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
logo
EPCOS
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
   Chokes for Power Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com