Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84299D2160E003 Datasheet(PDF) 6 Page - EPCOS

Part # B84299D2160E003
Description  Filters for Power Lines
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299D2160E003 Datasheet(HTML) 6 Page - EPCOS

Back Button B84299D2160E003 Datasheet HTML 2Page - EPCOS B84299D2160E003 Datasheet HTML 3Page - EPCOS B84299D2160E003 Datasheet HTML 4Page - EPCOS B84299D2160E003 Datasheet HTML 5Page - EPCOS B84299D2160E003 Datasheet HTML 6Page - EPCOS B84299D2160E003 Datasheet HTML 7Page - EPCOS B84299D2160E003 Datasheet HTML 8Page - EPCOS B84299D2160E003 Datasheet HTML 9Page - EPCOS B84299D2160E003 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
General technical data (continued)
Power dissipation
PD
See characteristics
At rated current IR
Capacitive reactive current/line
Ireactive See characteristics
At 400/230 V and 50 Hz (typical
value)
Max. permissible harmonic
distortion (THD)
8
% To EN 50160
Permissible ambient
temperature
TA
25/+40
°C
Climatic category
(EN 60068-1)
25/085/56
25
°C/+85 °C/56 days damp
heat test
Mechanical version
C
Cable glands at both ends or
flexible connector fitting
D
Direct connection to shielding
wall
Characteristics and ordering codes
IR
A
Mechanical
version
Rmax
m
PD
W
Ireactive
A
Dimensional
drawing
Page Approx.
weight
kg
Ordering code
2-line filters
16
C
< 50
< 30
1.2
1
7
12
B84299C2160B003
16
D
< 50
< 30
1.2
2
8
12
B84299D2160B003
32
C
< 20
< 40
2.7
3
9
20
B84299C2320B003
32
D
< 20
< 40
2.7
4
10
20
B84299D2320B003
63
C
< 6.0
< 50
4.9
5
11
36
B84299C1630B003
63
D
< 6.0
< 50
4.9
6
12
36
B84299D1630B003
100
C
< 3.5
< 70
6.5
7
13
60
B84299C1101B003
100
D
< 3.5
< 70
6.5
8
14
60
B84299D1101B003
4-line filters
16
C
< 50
< 30
1.2
9
15
24
B84299C2160E003
16
D
< 50
< 30
1.2
10
16
24
B84299D2160E003
32
C
< 20
< 40
2.7
11
17
30
B84299C2320E003
32
D
< 20
< 40
2.7
12
18
30
B84299D2320E003
63
C
< 6.0
< 70
4.9
5
11
40
B84299C1630E003
63
D
< 6.0
< 70
4.9
6
12
40
B84299D1630E003
100
C
< 3.5
< 100
6.5
7
13
60
B84299C1101E003
100
D
< 3.5
< 100
6.5
8
14
60
B84299D1101E003
150
C
< 2.0
< 140
6.5
13
19
95
B84299C1151E003
150
D
< 2.0
< 140
6.5
14
20
95
B84299D1151E003
Filters for power lines
B84299*B003
16 to 150 A, 100 dB from 14 kHz
B84299*E003
6


Similar Part No. - B84299D2160E003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299D2160E003 EPCOS-B84299D2160E003 Datasheet
1,006Kb / 21P
   Filters for Power Lines 16 to 150 A, 100 dB from 14 kHz
More results

Similar Description - B84299D2160E003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
C09E MURATA-C09E Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
logo
EPCOS
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
   Chokes for Power Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com