Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3J Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # S3J
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

S3J Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  S3J Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd S3J Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S3A THRU S3M
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -3.0Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive
load. For capacitive load, derate by 20%.)
FEATURES
MECHANICAL DATA
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
VF
IR
R JA
Maximum RMS Voltage
Maximum DC Blocking Voltage to TA=105 C
Maximum average Forward Rectified Current
0.5"(12.5mm)lead length at TL=105 C
Maximum Instantaneous Forward Voltage
at 3.0 A
T =25 C
T =150 C
A
A
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 1)
Maximum Reverse
current at rated DC Blocking
Voltage
Peak Forward Surge Current (8.3ms half sine-
wave superimposed on rated load
(JEDEC method)
3.0
125.0
100.0
40.0
20.0
5.0
1.0
P
F
C/W
CJ
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length ,
P.C.B. mounted
TSTG
Maximum DC Blocking Voltage temperature
Operating and Storage temperature Range
+150.0
C
C
TJ
TA
-50 to+175
SEMICONDUCTOR
Symbols
Volts
The plastic package has Underwrites Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
High surge current capability
3.0A operation at TL=75 C with no thermal runaway
Typical IR less than 0.1 A
High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm)
50
35
50
100
70
100
200
140
200
400
300
280
210
400
300
600
420
600
1000
700
1000
S3A
S3B
S3D
S3G
S3J
S3K
S3M
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
Dimensions in inches and (millimeters)
SMB(DO-214AA)
0.086(2.20)
0.096(2.44)
0.180(4.57)
0.220(5.59)
0.060(1.52)
0.012(0.305)
0.008(0.203)
    MAX
0.155(3.94)
0.077(1.95)
0.084(2.13)
0.160(4.06)
0.205(5.21)
0.030(0.76)
0.006(0.152)
0.130(3.30)
Case: JEDEC SMB(DO-214AA) molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: color band denotes cathode end
Weight: 0.003ounce,0.093 gram
7-40


Similar Part No. - S3J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3J PANJIT-S3J Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3J MCC-S3J Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Fairchild Semiconductor
S3J FAIRCHILD-S3J Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
Semikron International
S3J SEMIKRON-S3J Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
First Silicon Co., Ltd
S3J FS-S3J Datasheet
143Kb / 2P
   General Purpose Rectifier
More results

Similar Description - S3J

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com