Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N22 Datasheet(PDF) 3 Page - EPCOS

Part # N22
Description  Ferrites and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N22 Datasheet(HTML) 3 Page - EPCOS

  N22 Datasheet HTML 1Page - EPCOS N22 Datasheet HTML 2Page - EPCOS N22 Datasheet HTML 3Page - EPCOS N22 Datasheet HTML 4Page - EPCOS N22 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
N22
SIFERRIT materials
Complex permeability
versus frequency
(measured on R10 toroids, B
≤0.25 mT)
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 25 °C)
Initial permeability
μ
i and relative loss factor
tan
δ/μ
i versus temperature
(measured on R10 toroids, B
≤0.25 mT)
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 100 °C)


Similar Part No. - N22

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N220-01K-BL TRIPPLITE-N220-01K-BL Datasheet
175Kb / 3P
   Cat6 Gigabit Bulk Stranded 24 AWG CMR PVC Cable, Blue, 1000 ft., TAA
N220-01K-GY TRIPPLITE-N220-01K-GY Datasheet
175Kb / 3P
   Cat6 Gigabit Bulk Stranded 24 AWG CMR PVC Cable, Gray, 1000 ft., TAA
N220-01K-WH TRIPPLITE-N220-01K-WH Datasheet
175Kb / 3P
   Cat6 Gigabit Bulk Stranded 24 AWG CMR PVC Cable, White, 1000 ft., TAA
logo
MMD Components
N220AA1 MMD-N220AA1 Datasheet
101Kb / 1P
   Industry Standard Package
N220AA2 MMD-N220AA2 Datasheet
101Kb / 1P
   Industry Standard Package
More results

Similar Description - N22

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com