Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

O13.0-JT53L-D-A-3.3 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # O13.0-JT53L-D-A-3.3
Description  Temp. Compensated Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O13.0-JT53L-D-A-3.3 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  O13.0-JT53L-D-A-3.3 Datasheet HTML 1Page - Jauch Quartz Gmbh O13.0-JT53L-D-A-3.3 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · (VC-)TCXO · JT53L(V)
Direction of feed
8.0±0.1
ø 1.5±0.1
4.0
2.0
0.3±0.05
1.7±0.1
3.5±0.1
ø 1.5±0.1
Taping Specification
500 pcs per reel
in mm
2.0
ø21
120
°
12.4+2.0 / -0.0
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note
Marking
frequency
company code / date code
date code:
A ~ M: Jan.- Dec.
9: 2009
0: 2010
1: 2011
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M


Similar Part No. - O13.0-JT53L-D-A-3.3

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O13.0-JT32-A-A-2.5 JAUCH-O13.0-JT32-A-A-2.5 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-A-2.8 JAUCH-O13.0-JT32-A-A-2.8 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-A-3.0 JAUCH-O13.0-JT32-A-A-3.0 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-A-3.3 JAUCH-O13.0-JT32-A-A-3.3 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-B-2.5 JAUCH-O13.0-JT32-A-B-2.5 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
More results

Similar Description - O13.0-JT53L-D-A-3.3

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JT32 JAUCH-JT32 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
JT32G JAUCH-JT32G Datasheet
161Kb / 2P
   Temp. Compensated Crystal Oscillator
JT22G JAUCH-JT22G Datasheet
205Kb / 2P
   Temp. Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX09 ABRACON-ASTX09 Datasheet
993Kb / 2P
   COMPENSATED CRYSTAL OSCILLATOR
09.14.11
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-09 ABRACON-ASTX-09 Datasheet
144Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.08.07
logo
Raltron Electronics Cor...
RTX-231 RALTRON-RTX-231 Datasheet
27Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
TX-702 VECTRON-TX-702 Datasheet
187Kb / 6P
   Temperature Compensated Crystal Oscillator
VT-501 VECTRON-VT-501 Datasheet
253Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
List of Unclassifed Man...
CSX-325T ETC2-CSX-325T Datasheet
92Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com