Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA0068LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # NA0068LF
Description  1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

NA0068LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  NA0068LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
P/N: NA0068 LF DATA SHEET(
Preliminary)
Page : 1/1
Feature
l
Half port and single port designs for maximum layout
flexibility.
l
Low profile packages from 0.094 Inch(2.39mm) to 0.078
Inch(1.98mm) for PC card and card bus applications .
l
Compatible package with INTEL,TDK,QSI, and ICS
Transformer.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
Pin(16-15/7-8)
Cw/w
(pF Max)
L.L
(uH Max)
PRI DCR
(Ω Max)
HI-POT
(Vrms)
NA0068 LF
1CT:1CT
1CT:1CT
350
25
0.4
1.5
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100MHz
0.3-30MHz
40MHz
50MHz
60-80MHz
0.3-100MHz
0.3-60MHz 60-100MHz
NA0068 LF
-1.1
-18
-15.5
-13.5
-10
-38
-33
-26
Schematic
Mechanical
Bothhandusa.com
NA0068 LF


Similar Part No. - NA0068LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NA0068LF BOTHHAND-NA0068LF_17 Datasheet
659Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
More results

Similar Description - NA0068LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NA0069RMLF BOTHHAND-NA0069RMLF Datasheet
242Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA69LF BOTHHAND-NA69LF Datasheet
236Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA69RLF BOTHHAND-NA69RLF Datasheet
243Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA0068RLF BOTHHAND-NA0068RLF Datasheet
656Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA0068LF BOTHHAND-NA0068LF_17 Datasheet
659Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA0069R1LF BOTHHAND-NA0069R1LF Datasheet
239Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
24ST0028P BOTHHAND-24ST0028P Datasheet
308Kb / 1P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NT15LF BOTHHAND-NT15LF Datasheet
609Kb / 2P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA1284RLF BOTHHAND-NA1284RLF Datasheet
130Kb / 2P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA1284R-LF BOTHHAND-NA1284R-LF Datasheet
130Kb / 2P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com