Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2-15US14 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # M2-15US14
Description  12-18 Watt Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

M2-15US14 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  M2-15US14 Datasheet HTML 1Page - Bothhand USA, LP. M2-15US14 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M2-
ORDERING INFORMATION
Fig.A
Fig.B
Fig.D
Unit: m.m.
- A
1
-
A
Output Plug List
Fig.C
MECHANICAL
Mechanical
Output Voltage
Output Watts
US
15
055
M2-..US..
Standard Output Cable:
5V~7V: 18AWG, UL SPT-1, 1800mm
8V~24V: 20AWG, UL 2468, 1800mm
Bothhandusa.com
M2-.. US.. Series 12-18 Watt Switching Adapter
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - M2-15US14

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
M2-15US05 BOTHHAND-M2-15US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
More results

Similar Description - M2-15US14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA18U-033 PHIHONG-PSA18U-033 Datasheet
89Kb / 2P
   18 Watt Universal Switching Adapter
logo
List of Unclassifed Man...
FW18 ETC1-FW18 Datasheet
54Kb / 1P
   18 Watt AC Adapter
logo
Bothhand USA, LP.
EA10953 BOTHHAND-EA10953 Datasheet
115Kb / 2P
   90 Watt Switching Adapter
EA11203 BOTHHAND-EA11203 Datasheet
139Kb / 2P
   120 Watt Switching Adapter
logo
Phihong USA Inc.
PSA65U-120 PHIHONG-PSA65U-120 Datasheet
65Kb / 2P
   60 Watt Universal Switching Adapter
PSA65U-301 PHIHONG-PSA65U-301 Datasheet
329Kb / 2P
   60 Watt Universal Switching Adapter
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
logo
Phihong USA Inc.
PSA15W-050 PHIHONG-PSA15W-050 Datasheet
366Kb / 2P
   15 Watt Universal Switching Adapter
logo
Bothhand USA, LP.
SA073V3 BOTHHAND-SA073V3 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
logo
Phihong USA Inc.
PSA60W-120 PHIHONG-PSA60W-120 Datasheet
84Kb / 2P
   50 Watt Universal Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com