Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1962B Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # E1962B
Description  cdma2000/IS-95/AMPS Mobile Test Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E1962B Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  E1962B Datasheet HTML 1Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 2Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 3Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 4Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 5Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 6Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 7Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 8Page - Agilent(Hewlett-Packard) E1962B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
More functions
Fast call setup
Spectrum monitor
Code domain power supports dated IS-98E standard
Protocol logging
SMS
Get the proven benefits of the Agilent 8960 test
set
Because this cdma2000 test solution is based on the high-
performance 8960 test set, you gain the additional benefits of
extremely fast measurement speed, ease of programming,
accuracy, reliability, and worldwide service and support. These
proven features help you shorten test development time, increase
throughput, and minimize support costs.
Keep up with changing test needs
To help you keep up with the hyper pace of the mobile phone
industry, the 8960 is designed to quickly support changing and
emerging standards enabling you to meet your time-to-market and
production goals.
Technical Specifications
These specifications apply to an E5515C mainframe with Option
003 with an E1962B test application of firmware revision B.14.14
or higher.
Specifications describe the test set’s warranted performance and
are valid for the unit’s operation within the stated environmental
ranges unless otherwise noted. All specifications are valid after a
30-minute warm-up period of continuous operation.
Supplemental characteristics are intended to provide typical, but
non-warranted, performance parameters that may be useful in
applying the instrument. These characteristics are shown in
italics and labeled as “typical” or “supplemental.” All units
shipped from the factory meet these typical numbers at 25 °C
ambient temperature without including measurement uncertainty.
Analog Specifications
AMPS active cell call processing functionality
Call control (“one button commands”): register, BS call originate,
BS call disconnect, MS call originate (auto answer), and MS
call disconnect
Call setup parameters: control channel, voice channel, SID, SAT,
and power level
Handoff support: hard handoff to new channel
Registration reported mobile information: ESN in decimal, ESN in
hex, MIN1, MIN2, phone number, station class mark (SCM), and
called number
AMPS test mode functionality
Usage: the mobile station must be setup on a channel without the
test set (using internal test mode commands in the mobile); the
test set provides RF generator output and RF and audio analysis
input; this mode provides no signaling
Spectrum monitor
Input frequency ranges:
411 to 420 MHz
450 to 484 MHz
824 to 934 MHz
1700 to 1980 MHz
Reference level: auto or manual
Manual reference level range: +37 to −50 dBm
Display dB per division: 20.0 to 0.1 dB per division
Level measurement accuracy: typically < ±1.0 dB 15 to 55 °C
(calibrated against average power and within ±10 degrees of
calibration temperature; calibration must occur between 20 to
55 °C)
Display frequency span and resolution bandwidth (coupled):
0 Hz span
125 kHz span
300 Hz RBW
500 kHz span
1 kHz RBW
1.25 MHz span
1 kHz RBW
2.5 MHz span
10 kHz RBW
4 MHz span
30 kHz RBW
5 MHz span
30 kHz RBW
10 MHz span
100 kHz RBW
12 MHz span
100 kHz RBW
20 MHz span
100 kHz RBW
40 MHz span
300 kHz RBW
80 MHz span
1 MHz RBW
100 MHz span
5 MHz RBW
Trigger: immediate, RF rise, protocol, or external
Trigger arm: single or continuous
Trigger delay: −50 to 50 ms
Zero span trace time: 60 µs to 70 ms
Zero span resolution bandwidth: 100 kHz, 300 kHz, or 1 MHz
Detector: peak detection or sample detection
Trace mode: clear write, max hold, or min hold
Markers: three user markers
Marker modes: off, position, or delta
Marker functions: peak search, marker to expected frequency,
and marker to expected power


Similar Part No. - E1962B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1962B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1987A KEYSIGHT-E1987A Datasheet
1Mb / 27P
   cdma2000/IS-95/AMPS
E6716G KEYSIGHT-E6716G Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
E6704A KEYSIGHT-E6704A Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
E6703J KEYSIGHT-E6703J Datasheet
719Kb / 40P
   Mobile Test Application
E1993A KEYSIGHT-E1993A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
E1963A KEYSIGHT-E1963A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
logo
Naina Semiconductor ltd...
NTD92B NAINA-NTD92B Datasheet
172Kb / 3P
   Thyristor-Diode Module, 95 Amps
NTT92 NAINA-NTT92 Datasheet
207Kb / 2P
   Thyristor-Thyristor Module, 95 Amps
NTD92 NAINA-NTD92 Datasheet
219Kb / 3P
   Thyristor-Diode Module, 95 Amps
NTT92B NAINA-NTT92B Datasheet
163Kb / 2P
   Thyristor-Thyristor Module, 95 Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com