Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5256 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM5256
Description  0.5W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM5256 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM5256 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM5256 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM5256 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal
Zener
Voltage
Test
Current
Typical
temperature
coefficient
Maximum
regulator
Current
ZMM5225
3.0
20
0.95
1.0
152
50
1600
-0.075
20
0.95
1.0
138
25
1600
-0.070
20
0.95
1.0
126
15
1700
-0.065
20
0.95
1.0
115
10
1900
-0.060
20
0.95
1.0
106
5
2000
-0.055
20
1.9
2.0
97
5
1900
0.030
20
1.9
2.0
89
5
1600
0.030
20
2.9
3.0
81
5
1600
+0.038
20
3.3
3.5
76
5
1600
+0.038
20
3.8
4.0
73
5
1000
+0.045
20
4.8
5.0
67
3
750
+0.050
20
5.7
6.0
61
3
500
+0.058
20
6.2
6.5
55
3
500
+0.062
20
6.2
6.5
52
3
600
+0.065
10
20
7.6
8.0
45
3
600
+0.075
20
8.0
8.4
41
2
600
+0.076
20
8.7
9.1
38
1
600
+0.077
9.5
9.4
9.9
35
0.5
600
+0.079
9.0
9.5
10
32
0.1
600
+0.082
8.5
10.5
11
30
0.1
600
+0.082
7.8
11.4
12
28
0.1
600
+0.083
7.4
12.4
13
27
0.1
600
+0.084
7.0
13.3
14
25
0.1
600
+0.085
6.6
13.3
14
24
0.1
600
+0.086
6.2
14.3
15
23
0.1
600
+0.086
5.6
16.2
17
21
0.1
600
+0.087
5.2
17.1
18
19.1
0.1
600
+0.087
5.0
18.1
19
18.2
0.1
600
+0.089
4.6
20
21
16.8
0.1
600
+0.090
4.5
20
21
16.2
0.1
600
+0.091
4.2
22
23
15.1
0.1
600
+0.091
3.8
24
25
13.8
0.1
700
+0.092
3.4
26
27
12.6
0.1
700
+0.093
3.2
29
30
11.6
0.1
800
+0.094
3.0
31
33
10.6
0.1
900
+0.095
2.7
34
36
9.7
0.1
1000
+0.095
2.5
37
39
8.9
0.1
1100
+0.096
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
ZMM5226
ZMM5227
ZMM5228
ZMM5229
ZMM5230
ZMM5231
ZMM5232
ZMM5233
ZMM5234
ZMM5235
ZMM5236
ZMM5237
ZMM5238
ZMM5239
ZMM5240
ZMM5241
ZMM5242
ZMM5243
ZMM5244
ZMM5245
ZMM5246
ZMM5247
ZMM5248
ZMM5249
ZMM5250
ZMM5251
ZMM5252
ZMM5253
ZMM5254
ZMM5255
ZMM5256
ZMM5257
ZMM5258
ZMM5259
ZMM5260
ZMM5261
ZMM5262
1)
2)
vz %/K
29
28
24
23
22
19
17
11
7
7
5
6
8
8
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
20
6.7
7.0
50
3
600
+0.068
1) The zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (I or I
ZT
ZK
ZT
ZK
) is
superimposed on I or I Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to elimunate unstable units.
2) Valid provided that electrodes are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.


Similar Part No. - ZMM5256

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM5256 SEMTECH-ZMM5256 Datasheet
402Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM5256 GE-ZMM5256 Datasheet
75Kb / 3P
   ZENER DIODES
logo
GOOD-ARK Electronics
ZMM5256 GOOD-ARK-ZMM5256 Datasheet
34Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
ZMM5256 DAESAN-ZMM5256 Datasheet
414Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5256 DAYA-ZMM5256 Datasheet
366Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM5256

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com