Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA1085 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # GA1085
Description  11-Output Configurable Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

GA1085 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button GA1085 Datasheet HTML 2Page - TriQuint Semiconductor GA1085 Datasheet HTML 3Page - TriQuint Semiconductor GA1085 Datasheet HTML 4Page - TriQuint Semiconductor GA1085 Datasheet HTML 5Page - TriQuint Semiconductor GA1085 Datasheet HTML 6Page - TriQuint Semiconductor GA1085 Datasheet HTML 7Page - TriQuint Semiconductor GA1085 Datasheet HTML 8Page - TriQuint Semiconductor GA1085 Datasheet HTML 9Page - TriQuint Semiconductor GA1085 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
GA1085
9
For additional information and latest specifications, see our website: www.triquint.com
Diode to GND
Diode Stack to VDD
V
I (mA)
V
I (mA)
0.0
0
5.0
0
–0.4
0
6.0
0
–0.5
0
7.0
0
–0.6
–5
8.0
0
–0.7
–15
9.0
0
–0.8
–35
10.0
1
–0.9
–55
11.0
5
–1.0
–75
12.0
9
–2.0
–300
–2.5
–350
–3.0
–360
Note: TriQuint does not guarantee diode operation for purposes other
than ESD protection.
Table 6. Characteristics Above VDD and Below Ground
L2
C2
1.85 nH
0.40 pF
Table 9. Rise and Fall Times
Figure 11. Output Model
C2
DIE
C1
L2
L1
OUTPUT
Time (ns) TR min (V) TR max (V) TF min (V) TF max (V)
0.0
0.15
0.32
3.20
3.04
0.1
0.15
0.32
3.20
3.04
0.2
0.16
0.32
3.06
2.95
0.3
0.18
0.32
2.86
2.90
0.4
0.23
0.32
2.62
2.68
0.5
0.26
0.32
2.38
2.50
0.6
0.34
0.32
2.17
2.36
0.7
0.46
0.34
2.00
2.22
0.8
0.67
0.39
1.85
2.09
0.9
0.89
0.49
1.69
1.95
1.0
1.12
0.63
1.52
1.86
1.1
1.32
0.86
1.38
1.68
1.2
1.50
1.09
1.26
1.59
1.3
1.73
1.27
1.12
1.49
1.4
1.93
1.45
0.96
1.36
1.5
2.15
1.64
0.83
1.23
1.6
2.75
2.23
0.52
0.95
1.7
2.58
2.00
0.61
1.00
1.8
2.75
2.23
0.52
0.95
1.9
2.90
2.41
0.45
0.91
2.0
3.02
2.50
0.39
0.86
2.1
3.12
2.64
0.33
0.77
2.2
3.17
2.77
0.29
0.73
2.3
3.19
2.86
0.24
0.68
2.4
3.20
2.95
0.21
0.64
2.5
3.20
2.99
0.19
0.59
2.6
3.20
3.02
0.17
0.55
2.7
3.20
3.02
0.16
0.53
2.8
3.20
3.04
0.16
0.50
2.9
3.20
3.04
0.15
0.45
3.0
3.20
3.04
0.15
0.41
3.1
3.20
3.04
0.15
0.40
3.2
3.20
3.04
0.15
0.37
3.3
3.20
3.04
0.15
0.36
3.4
3.20
3.04
0.15
0.32
3.5
3.20
3.04
0.15
0.32
Table 7. Device and Bond-Wire Characteristics
(Estimates)
L1
C1
2 nH
10 pF
Table 8. 28-Pin MQuad Package Characteristics
(Into 0 pF, 50 Ohms to 1.5 V)


Similar Part No. - GA1085

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1086 TRIQUINT-GA1086 Datasheet
234Kb / 12P
   11-Output Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
More results

Similar Description - GA1085

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
TQ1089 TRIQUINT-TQ1089 Datasheet
193Kb / 10P
   11-Output Configurable Clock Buffer
TQ1090 TRIQUINT-TQ1090 Datasheet
247Kb / 10P
   11-Output Configurable Clock Buffer
GA1086 TRIQUINT-GA1086 Datasheet
234Kb / 12P
   11-Output Clock Buffer
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com