Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2601B Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST2601B
Description  8-bit Integrated Microcontroller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2601B Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST2601B Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ST2601B
3/35
2
BLOCK DIAGRAM
FIGURE 2-1 ST2601B Block Diagram
Clock
Generator
OSC
Clock
Generator
OSCX
OSCI
OSCXI
OSCXO
XIO
VCC/GND
TEST
Power On
Reset
RESET
A[22:0]
D[7:0]
8-bit
External
Memory
Bus
RD
WR
PSG /
PWM DAC
PSGO/PSGOB
8-bit Static
CPU
ROM
128k bytes
Baud Rate
Generator
DMA
Base Timer
8-bit
SRAM
1.5K bytes
WDT
Interrupt
Controller
Bank
Control
Logic
UART with
IrDA Mode
SPI
INTX/PC0
Port-C
SCK/PC1
MISO/PC2
MOSI/PC3
TXD0/PC6
Port-C
RXD0/PC7
Port-C
Chip Select
Logic
MMD/CS0
Port-D
Timer
0/1/2/3
12
-
bit
Clocking
Output
Port-E
TCO0/PE0
PE6~3
Port-E
LCD
Controller
LCD
Driver
Port-L
LD[3:0]/PL3~0
CP/PL4
AC/PL5
LOAD1/PL6
FLM/PL7
TXD1/PD6
RXD1/PD7
Port-D
/PC5
DATA_READY
/PC4
SS
0
~
/PD4
1
~
CS5
/PD5
/A23
CS6
POFF
BLANK
TCO1/PE1
BCO/PE2
PVCC/PGND
LOAD2
Low Voltage
Detector
VIN
Low Voltage
Reset
Port-F
PF7~0
LCD
Driver
SEG0~SEG55
COM0~COM35
C2+, C2-
C1+, C1-
Vout, Vlcd
V1~V4


Similar Part No. - ST2601B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST2600C IRF-ST2600C Datasheet
156Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2600CR IRF-ST2600CR Datasheet
76Kb / 6P
   Double side cooling
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Inchange Semiconductor ...
ST26025A ISC-ST26025A Datasheet
144Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Sitronix Technology Co....
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
More results

Similar Description - ST2601B

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2608B SITRONIX-ST2608B Datasheet
636Kb / 34P
   8-bit Integrated Microcontroller
ST2604B SITRONIX-ST2604B Datasheet
654Kb / 33P
   8-bit Integrated Microcontroller
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com