Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16910A Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 16910A
Description  Logic Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16910A Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 16910A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
Data Acquisition and Stimulus
Pattern Generation Modules
“User-Defined Macro” and
“Loop” Simplify Creation of
Stimulus Programs
User macros permit you to define
a pattern sequence once, then
insert the macro by name
wherever it is needed. Passing
parameters to the macro will
allow you to create a more
generic macro. For each call to
the macro you can specify unique
values for the parameters.
Loops enable you to repeat a
defined block of vectors for a
specified number of times. Loops
and macros can be nested, except
that a macro can not be nested
within another macro. At compile
time, loops and macros are
expanded in memory to a
linear sequence.
Convenient Data Entry and
Editing Feature
You can conveniently enter
patterns in hex, octal, binary,
decimal, and signed decimal
(two’s complement) bases.
The data associated with an
individual label can be viewed
with multiple radixes to simplify
data entry. Delete, Insert, and
Copy commands are provided for
easy editing. Fast and convenient
Pattern Fills give the programmer
useful test patterns with a few
key strokes. Fixed, Count, Rotate,
Toggle, and Random are available
to quickly create a test pattern,
such as “walking ones.” Pattern
parameters, such as Step Size
and Repeat Frequency, can be
specified in the pattern setup.
ASCII Input File Format: Your Design
Tool Connection
The 16720A supports an
ASCII file format to facilitate
connectivity to other tools in your
design environment. Because the
ASCII format does not support
the instructions listed earlier,
they cannot be edited into the
ASCII file. User macros and loops
also are not supported, so the
vectors need to be fully expanded
in the ASCII file. Many design
tools will generate ASCII files and
output the vectors in this linear
sequence. Data must be in Hex
format, and each label must
represent a set of contiguous
output channels.
Configuration
The 16720A pattern generators
require a single slot in a logic
analysis system frame. The
pattern generator operates with
the clock pods, data pods, and
lead sets described later in this
section. At least one clock pod
and one data pod must be
selected to configure a functional
system. Users can select from a
variety of pods to provide the
signal source needed for their
logic devices. The data pods,
clock pods and data cables
use standard connectors. The
electrical characteristics of the
data cables also are described
for users with specialized
applications who want to avoid
the use of a data pod. The 16720A
can be configured in systems with
up to five cards for a total of 240
channels of stimulus.
Direct Connection to Your
Target System
The pattern generator pods can
be directly connected to a
standard connector on your
target system. Use a 3M brand
#2520 Series, or similar
connector. The 16720A clock or
data pods will plug right in.
Short, flat cable jumpers can be
used if the clearance around the
connector is limited. Use a 3M
#3365/20, or equivalent, ribbon
cable; a 3M #4620 Series, or
equivalent, connector on the
16720A pod end of the cable; and
a 3M #3421 Series, or equivalent,
connector at your target system
end of the cable.
Probing Accessories
The probe tips of the Agilent
10474A, 10347A, 10498A, and
E8142A lead sets plug directly
into any 0.1 inch grid with
0.026 inch to 0.033 inch diameter
round pins or 0.025 inch square
pins. These probe tips work with
the Agilent 5090-4356 surface
mount grabbers and with the
Agilent 5959-0288 through-hole
grabbers.


Similar Part No. - 16910A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1691 ETC2-1691 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Heyco.
1691 HEYCO-1691 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1691 HEYCO-1691 Datasheet
112Kb / 1P
   Shorty Plugs
logo
ERNI Electronics
169127 ERNI-169127 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
169128 ERNI-169128 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 16910A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
   Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com