Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16910A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 16910A
Description  Logic Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16910A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 16910A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 10Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
Agilent 16910A and 16911A Specifications and Characteristics
State Analysis
State Analysis
Timing Analysis
Timing Analysis
Module Channel Counts
16910A
16911A
16910A
16911A
1-card module
98 data + 4 clocks
64 data + 4 clocks
102
68
2-card module
200 data + 4 clocks
132 data + 4 clocks
204
136
3-card module
302 data + 4 clocks
200 data + 4 clocks
306
204
4-card module
404 data + 4 clocks
268 data + 4 clocks
408
272
5-card module
506 data + 4 clocks
336 data + 4 clocks
510
340
Probes
A probe must be used to connect the logic analyzer to your target system. Probes are ordered separately from the logic analysis module. For
specifications and characteristics of a particular probe, see the documentation that is supplied with your probe or search for the probe’s
model number in this help system or at www.agilent.com or Probing Solutions for Agilent Technologies Logic Analyzers Product Overview,
publication number 5968-4632E.
Timing Zoom
Timing analysis sample rate
4 GHz
Time interval accuracy
Within a pod pair
± (1.0 ns + 0.01% of time interval reading)
Between pod pairs
± (1.75 ns + 0.01% of time interval reading)
Memory depth
64 K samples
Trigger position
Start, center, end, or user-defined
Minimum data pulse width
1 ns


Similar Part No. - 16910A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1691 ETC2-1691 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Heyco.
1691 HEYCO-1691 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1691 HEYCO-1691 Datasheet
112Kb / 1P
   Shorty Plugs
logo
ERNI Electronics
169127 ERNI-169127 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
169128 ERNI-169128 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 16910A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
   Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com