Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7530 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
ST7530
Ver 1.8
8/100
2006/9/18
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
233
SEG[77]
-2214
683
272
SEG[38]
-3892
683
234
SEG[76]
-2258
683
273
SEG[37]
-3934
683
235
SEG[75]
-2300
683
274
SEG[36]
-3978
683
236
SEG[74]
-2344
683
275
SEG[35]
-4020
683
237
SEG[73]
-2386
683
276
SEG[34]
-4064
683
238
SEG[72]
-2430
683
277
SEG[33]
-4106
683
239
SEG[71]
-2472
683
278
SEG[32]
-4150
683
240
SEG[70]
-2516
683
279
SEG[31]
-4192
683
241
SEG[69]
-2558
683
280
SEG[30]
-4236
683
242
SEG[68]
-2602
683
281
SEG[29]
-4278
683
243
SEG[67]
-2644
683
282
SEG[28]
-4322
683
244
SEG[66]
-2688
683
283
SEG[27]
-4364
683
245
SEG[65]
-2730
683
284
SEG[26]
-4408
683
246
SEG[64]
-2774
683
285
SEG[25]
-4450
683
247
SEG[63]
-2816
683
286
SEG[24]
-4494
683
248
SEG[62]
-2860
683
287
SEG[23]
-4536
683
249
SEG[61]
-2902
683
288
SEG[22]
-4580
683
250
SEG[60]
-2946
683
289
SEG[21]
-4622
683
251
SEG[59]
-2988
683
290
SEG[20]
-4666
683
252
SEG[58]
-3032
683
291
SEG[19]
-4708
683
253
SEG[57]
-3074
683
292
SEG[18]
-4752
683
254
SEG[56]
-3118
683
293
SEG[17]
-4794
683
255
SEG[55]
-3160
683
294
SEG[16]
-4838
683
256
SEG[54]
-3204
683
295
SEG[15]
-4880
683
257
SEG[53]
-3246
683
296
SEG[14]
-4924
683
258
SEG[52]
-3290
683
297
SEG[13]
-4966
683
259
SEG[51]
-3332
683
298
SEG[12]
-5010
683
260
SEG[50]
-3376
683
299
SEG[11]
-5052
683
261
SEG[49]
-3418
683
300
SEG[10]
-5096
683
262
SEG[48]
-3462
683
301
SEG[9]
-5138
683
263
SEG[47]
-3504
683
302
SEG[8]
-5182
683
264
SEG[46]
-3548
683
303
SEG[7]
-5224
683
265
SEG[45]
-3590
683
304
SEG[6]
-5268
683
266
SEG[44]
-3634
683
305
SEG[5]
-5310
683
267
SEG[43]
-3676
683
306
SEG[4]
-5354
683
268
SEG[42]
-3720
683
307
SEG[3]
-5396
683
269
SEG[41]
-3762
683
308
SEG[2]
-5440
683
270
SEG[40]
-3806
683
309
SEG[1]
-5482
683
271
SEG[39]
-3848
683
310
SEG[0]
-5526
683


Similar Part No. - ST7530

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
More results

Similar Description - ST7530

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com