Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5415 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5415
Description  T1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5415 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5415 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: S5415 DATA SHEET
Feature
!
Models matched to leading transceiver ICs.
!
Dual and single through hole models available
!
Isolation HI-POT : 1500Vrms Min.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
OCL
(mH Min)
@100KHz/0.2V
CW/W
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
PRI&SEC
PRI
PINS
S5415
1CT:2CT
1.2
30
0.5
0.7/1.2
1-5
Schematic
Mechanical
Bothhandusa.com
T1/CEPT/ISDN-PRI TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - S5415

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5415LF BOTHHAND-S5415LF Datasheet
256Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S5415

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
logo
Bothhand USA, LP.
S5861M BOTHHAND-S5861M Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
   T1/ CEPT/ISDN-PRI TRANSFORMER
S4545 BOTHHAND-S4545 Datasheet
267Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com