Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1073C-SCC Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA1073C-SCC
Description  36 - 40 GHz Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1073C-SCC Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA1073C-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA1073C-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1073C-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1073C-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1073C-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1073C-SCC Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax (972)994 8504 Web: www.triquint.com
Product Datasheet
2
MAXIMUM RATINGS
SYMBOL
PARAMETER 5/
VALUE
NOTES
V+
POSITIVE SUPPLY VOLTAGE
8 V
I+
POSITIVE SUPPLY CURRENT
480 mA
1/
PIN
INPUT CONTINUOUS WAVE POWER
23 dBm
4/
PD
POWER DISSIPATION
3.84 W
TCH
OPERATING CHANNEL TEMPERATURE
150 0C2/ 3/
TM
MOUNTING TEMPERATURE
(30 SECONDS)
320 0C
TSTG
STORAGE TEMPERATURE
-65 to 150 0C
1/
Total current for all stages.
2/
These ratings apply to each individual FET.
3/
Junction operating temperature will directly affect the device median time to failure (TM). For maximum
life, it is recommended that junction temperatures be maintained at the lowest possible levels.
4/
This value reflects an estimate. Actual value will be inserted as soon as it is determined.
5/
These ratings represent the maximum operable values for this device.
TGA1073C-SCC
DC SPECIFICATIONS (100%)
(TA = 25
°C + 5 °C)
NOTES
SYMBOL
TEST CONDITIONS 2/
LIMITS
UNITS
MIN
MAX
IDSS1
STD
40
188
mA
GM1
STD
88
212
mS
1/
|VP1|STD
0.5
1.5
V
1/
|VP2|STD
0.5
1.5
V
1/
|VP3-6|STD
0.5
1.5
V
1/
|VBVGD1,2|STD
11
30
V
1/
|VBVGS1|STD
11
30
V
1/
VP, VBVGD, and VBVGS are negative.
2/
The measurement conditions are subject to change at the manufacture’s discretion (with appropriate notification to
the buyer).


Similar Part No. - TGA1073C-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073C-SCC TRIQUINT-TGA1073C-SCC Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
More results

Similar Description - TGA1073C-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
889Kb / 9P
   36 to 40 GHz 1W Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC_15 Datasheet
891Kb / 9P
   36 to 40 GHz 1W Power Amplifier
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com