Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7532 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST7532
Description  65K Color Dot Matrix LCD Controller/Driver
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7532 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST7532 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
ST7532
Ver 1.8
6/85
2006/9/18
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
155
SEG[155]
1140
683
194
SEG[116]
-538
683
156
SEG[154]
1096
683
195
SEG[115]
-580
683
157
SEG[153]
1054
683
196
SEG[114]
-624
683
158
SEG[152]
1010
683
197
SEG[113]
-666
683
159
SEG[151]
968
683
198
SEG[112]
-710
683
160
SEG[150]
924
683
199
SEG[111]
-752
683
161
SEG[149]
882
683
200
SEG[110]
-796
683
162
SEG[148]
838
683
201
SEG[109]
-838
683
163
SEG[147]
796
683
202
SEG[108]
-882
683
164
SEG[146]
752
683
203
SEG[107]
-924
683
165
SEG[145]
710
683
204
SEG[106]
-968
683
166
SEG[144]
666
683
205
SEG[105]
-1010
683
167
SEG[143]
624
683
206
SEG[104]
-1054
683
168
SEG[142]
580
683
207
SEG[103]
-1096
683
169
SEG[141]
538
683
208
SEG[102]
-1140
683
170
SEG[140]
494
683
209
SEG[101]
-1182
683
171
SEG[139]
452
683
210
SEG[100]
-1226
683
172
SEG[138]
408
683
211
SEG[99]
-1268
683
173
SEG[137]
366
683
212
SEG[98]
-1312
683
174
SEG[136]
322
683
213
SEG[97]
-1354
683
175
SEG[135]
280
683
214
SEG[96]
-1398
683
176
SEG[134]
236
683
215
SEG[95]
-1440
683
177
SEG[133]
194
683
216
SEG[94]
-1484
683
178
SEG[132]
150
683
217
SEG[93]
-1526
683
179
SEG[131]
108
683
218
SEG[92]
-1570
683
180
SEG[130]
64
683
219
SEG[91]
-1612
683
181
SEG[129]
22
683
220
SEG[90]
-1656
683
182
SEG[128]
-22
683
221
SEG[89]
-1698
683
183
SEG[127]
-64
683
222
SEG[88]
-1742
683
184
SEG[126]
-108
683
223
SEG[87]
-1784
683
185
SEG[125]
-150
683
224
SEG[86]
-1828
683
186
SEG[124]
-194
683
225
SEG[85]
-1870
683
187
SEG[123]
-236
683
226
SEG[84]
-1914
683
188
SEG[122]
-280
683
227
SEG[83]
-1956
683
189
SEG[121]
-322
683
228
SEG[82]
-2000
683
190
SEG[120]
-366
683
229
SEG[81]
-2042
683
191
SEG[119]
-408
683
230
SEG[80]
-2086
683
192
SEG[118]
-452
683
231
SEG[79]
-2128
683
193
SEG[117]
-494
683
232
SEG[78]
-2172
683


Similar Part No. - ST7532

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
More results

Similar Description - ST7532

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com