Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E8663B Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # E8663B
Description  Analog Signal Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E8663B Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button E8663B Datasheet HTML 7Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 8Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 9Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 10Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 11Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 12Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 13Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 14Page - Agilent(Hewlett-Packard) E8663B Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Pulse modulation1, 2
1. With ALC off, specs apply after the execution of power search. Specifications apply with Atten Hold Off (default mode for
instruments with attenuator), or ALC level between –5 and +10 dBm or maximum specific power, whichever is lower.
Above 50 GHz, pulse modulation is useable; however performance is not warranted.
2. Power search is a calibration routine that improves level accuracy with ALC off. The instrument microprocessor momentarily
closes the ALC loop to find the modulator drive setting necessary to make the quiescent RF level equal to an entered value,
then opens the ALC loop while maintaining that modulator drive setting. When executing power search, RF power will
be present for typically 10 to 50 ms; the step attenuator can be set to automatically switch to maximum attenuation to
protect sensitive devices. Power search can be configured to operate either automatically or manually at the carrier frequency,
or over a user-definable frequency range.
3. With attenuator in 0 dB position. Video feed-through decreases with attenuator setting.
500 MHz to 3.2 GHz
Above 3.2 GHz
On/Off ratio
80 dB (typ)
80 dB
Rise/Fall times (Tr, Tf)
100 ns (typ)
6 ns (typ)
Minimum pulse width
Internally leveled
2 us
1 us
Level hold (ALC off with power search) 0.5 us
0.15 us
Repetition frequency
Internally leveled
10 Hz to 250 kHz
10 Hz to 500 kHz
Level hold (ALC off with power search) dc to 1 MHz
dc to 3 MHz
Level accuracy (relative to CW)
Internally leveled
±0.5 dB
±0.5 dB
Level hold (ALC off with power search) ±0.5 dB (typ)
±0.5 dB (typ)
Width compression
±50 ns (typ)
±5 ns (typ)
(RF width relative to video out)
Video feed-through3
< 200 mv (typ)
< 2 mv (typ)
Video delay (ext input to video)
50 ns (nom)
50 ns (nom)
RF delay (video to RF output)
270 ns (nom)
35 ns (nom)
Pulse overshoot
< 10% (typ)
< 10% (typ)
Input level
+1 Vpeak = RF On
+1 Vpeak = RF On
Input impedance
50
Ω (nom)
50
Ω (nom)
10 MHz to 3.2 GHz
Above 3.2 GHz
On/Off ratio
80 dB
80 dB
Rise/Fall times (Tr, Tf)
10 ns (8 ns typical)
10 ns (6 ns typical)
Minimum pulse width
Internally leveled
1 us
1 us
Level hold (ALC off with power search) 20 ns
20 ns
Repetition frequency
Internally leveled
10 Hz to 500 kHz
10 Hz to 500 kHz
Level hold (ALC off with power search) dc to 5 MHz
dc to 10 MHz
Level accuracy (relative to CW)
Internally leveled
±0.5 dB
±0.5 dB (0.15 dB typical)
Level hold (ALC off with power search) ±1.3 dB (typ)
±0.5 dB (typ)
Narrow pulse modulation1, 2
(Option UNW)


Similar Part No. - E8663B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E8663B HP-E8663B Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E8663B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4428C HP-E4428C Datasheet
826Kb / 22P
   Analog Signal Generator
logo
Keysight Technologies
E8257D KEYSIGHT-E8257D Datasheet
5Mb / 37P
   Microwave Analog Signal Generator
logo
Agilent(Hewlett-Packard...
E8663D HP-E8663D Datasheet
633Kb / 24P
   PSG RF Analog Signal Generator
logo
Keysight Technologies
E8663D KEYSIGHT-E8663D Datasheet
3Mb / 25P
   PSG RF Analog Signal Generator
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
   EXG X-Series Signal Generator N5173B Microwave Analog
N5183B KEYSIGHT-N5183B Datasheet
998Kb / 21P
   MXG X-Series Signal Generator N5183B Microwave Analog
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Hitachi Semiconductor
HA16670MP HITACHI-HA16670MP Datasheet
114Kb / 5P
   POSITION SIGNAL GENERATOR
logo
Keysight Technologies
N9310A KEYSIGHT-N9310A Datasheet
550Kb / 8P
   RF Signal Generator
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com