Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST8050B_S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST8050B_S
Description  40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST8050B_S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST8050B_S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
P/N: 40ST8050B DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A8(02/06)
Feature
40-PIN SMD Package compatible with IEEE 802.3 standard
& for the new Technology “Filterless” transceiver chips.
Designed for multiport repeater and switched Ethernet
Applications utilizing single RJ-45 connectors.
Operating temperature range : 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
L.L
(•H Max)
Part
Number
TX
RX
Pri.OCL
(•H)
TX
RX
Pri/Sec Cw/w
(pF Max)
40ST8050B
1CT:1CT
1:1
80-130
0.4
0.4
12
Continue
Part
Number
Peak pulse rating
(V)
Dessipation rating
(m W)
Insulation Resistance
(M Ω)
HI-POT
(Vrms)
40ST8050B
50
75
10,000
1500
Schematic
Mechanical


Similar Part No. - 40ST8050B_S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8050B_M BOTHHAND-40ST8050B_M Datasheet
195Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
More results

Similar Description - 40ST8050B_S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8056_M BOTHHAND-40ST8056_M Datasheet
238Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8058 BOTHHAND-40ST8058 Datasheet
310Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8062_M BOTHHAND-40ST8062_M Datasheet
234Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8062_S BOTHHAND-40ST8062_S Datasheet
235Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8051B_M BOTHHAND-40ST8051B_M Datasheet
590Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8056_S BOTHHAND-40ST8056_S Datasheet
239Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST6489G_S BOTHHAND-40ST6489G_S Datasheet
184Kb / 1P
   40 PIN SMD ETHERNET 10 BASE T QUAD PORT TRANSFORMER
40ST8050A_S BOTHHAND-40ST8050A_S Datasheet
170Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8062A BOTHHAND-40ST8062A Datasheet
37Kb / 1P
   40 PIN SMD ETHERNET 10 BASE-T QUAD PORT TRANSFORMER
40ST6489G_M BOTHHAND-40ST6489G_M Datasheet
183Kb / 1P
   40 PIN SMD ETHERNET 10 BASE T QUAD PORT TRANSFORMER
40ST8050A_M BOTHHAND-40ST8050A_M Datasheet
194Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com