Electronic Components Datasheet Search |
|
B25671A4187A375 Datasheet(PDF) 6 Page - EPCOS |
|
B25671A4187A375 Datasheet(HTML) 6 Page - EPCOS |
6 / 8 page Film Capacitors – Power Factor Correction B25671A4187A375 PoleCap capacitor MKK440-D-11.2-P FK PC PM PFC June 2009 Please read Cautions and warnings and Page 6 of 8 Important notes at the end of this document. Overpressure disconnector To ensure full functionality of an overpressure disconnector, the following must be observed: 1. The elastic elements must not be hindered, i.e. Connecting lines must be flexible leads (cables). There must be sufficient space (min. 12 mm) for expansion above the connections. This will enable a longitudinal extension of the can to secure the overpressure disconnector work. Folding beads must not be retained by clamps. 2. The maximum allowed fault current of 10000 A in accordance with UL 810 standard must be assured by the application. 3. Stress parameters of the capacitor must be within the IEC60831 specification. Resonance cases Resonance cases must be avoided by appropriate application design in any case. Maximum total RMS capacitor current (incl. fundamental harmonic current) specified in technical data must not be exceeded. Re-switching vs. phase-opposition In case of voltage interruption, a sufficient discharge time has to be ensured to avoid phase- opposition and resulting high inrush currents. Vibration resistance The resistance to vibration of capacitors corresponds to IEC 68, part 2–6. Max. test conditions: Test duration 6 h* Frequency range 1 10 ... 55 Hz* Displacement amplitude 0.75 mm* *corresponding to max. 98.1 m/s or 10 g These figures apply to the capacitor alone. Because the fixing and the terminals may influence the vibration properties, it is necessary to check stability when a capacitor is built in and exposed to vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude reaches the maximum in strongly vibrating equipment. Mechanical protection The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. Grounding The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut should be removed. The maximum tightening torque is 10 Nm. |
Similar Part No. - B25671A4187A375_09 |
|
Similar Description - B25671A4187A375_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |