Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4887A Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # E4887A
Description  Signal Generator Platform
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4887A Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button E4887A Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 12Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 13Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 14Page - Agilent(Hewlett-Packard) E4887A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
E4887A-003 (E4861B/62B)
Output
Differential or single ended, 3.5 mm(f)
Impedance
50 Ω typ.
Output amplitude/resolution
0.05 Vpp to 1.8 Vpp / 10 mV
Output voltage window
-2 V to +3.5 V; for HDMI output up to 3.3V use Bias Tee kit1)
Data formats
NRZ, DNRZ
Transition times 20% to 80%
<75 ps
Intrinsic jitter
<30 ps peak to peak typ.2)
Table 10: 3.4 Gb/s Signal Generator: output specifications
1) Voltage window direct at module output is -2 V to +3.5 V; DC power supply needed with Bias Tee. For output voltage
> 3 V the termination voltage > 3 V needs to be applied
2) Measured with E4808A clock module, spec as intra channel jitter
E4887A-003
Frequency range
20.843 Mb/s to 3.4 Gb/s (E4861B/E4862B)
internal clock mode 1)
Skew between data channels
50 ps typ.2)3)
Delay = start delay + fine delay
Can be specified as leading edge delay in fraction of bits in each channel
Start delay range
0 ns to 200 ns
Fine delay range
±1 period4)
Delay resolution
1 ps
Delay accuracy
±25 ps ±50 ppm relative to zero-delay placement3)
Table 9: 3.4 Gb/s Signal Generator: timing specifications
1) 33250A Arbitrary Waveform Generator needed for jitter injection
2) After cable deskewing at customer levels and unchanged system frequency.
3) @ 25 °C to 40 °C ambient temperature
4) Can be changed without stopping the system
E49887A-003 (E4861B/62B)
PRBS/PRWS
2n-1
n = 7, 9, 10, 11, 15, 23, 31
Errored PRBS/PRWS
2n-1
n = 7, 9, 10, 11, 15
Extended ones or zeroes
2n-1
n = 7, 9, 10, 11, 15
User definable memory based patterns
Up to 16 Mbit
Video formats
See table 4, requires E4887A-207 HDMI frame generator software
Table 11: 3.4 Gb/s Signal Generator: pattern and video formats
Specification assumptions
The specifications in this data sheet describe the instrument’s warranted
performance. Non-warranted values are stated as typical (typ.).
All specifications are valid from 10 °C to 40 °C ambient temperature after a
30 minute warm-up phase, with outputs and inputs terminated with 50 Ω to
ground at ECL levels if not specified otherwise.


Similar Part No. - E4887A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
E488001 PHOENIX-E488001 Datasheet
60Kb / 3P
   Ferrule - A 0,5 -10
E488001 PHOENIX-E488001 Datasheet
61Kb / 3P
   Ferrule - A 1,5 -12
More results

Similar Description - E4887A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28540 SILABS-SL28540 Datasheet
213Kb / 25P
   Low Power Clock Generator for Intel짰Mobile Platform
logo
Agilent(Hewlett-Packard...
E4428C HP-E4428C Datasheet
826Kb / 22P
   Analog Signal Generator
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Hitachi Semiconductor
HA16670MP HITACHI-HA16670MP Datasheet
114Kb / 5P
   POSITION SIGNAL GENERATOR
logo
Keysight Technologies
N9310A KEYSIGHT-N9310A Datasheet
550Kb / 8P
   RF Signal Generator
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
   Wideband Signal Generator
Rev. OR
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
E8663B HP-E8663B Datasheet
277Kb / 20P
   Analog Signal Generator
logo
Festo Corporation.
13364 FESTO-13364 Datasheet
83Kb / 1P
   Cylinder signal generator
7/11/2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com