Electronic Components Datasheet Search |
|
O13.0-JT32-C-D-3.3 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh |
|
O13.0-JT32-C-D-3.3 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page frequency stability code operating Y Z A B C D temperature code ± 5.0 ppm ± 3.0 ppm ± 2.5 ppm ± 2.0 ppm ± 1.5 ppm ± 1.0 ppm A: -30 °C ~ +80 °C OO O O O O B: -20 °C ~ +70 °C OO O O O O C: -10 °C ~ +60 °C OO O O O O D: 0 °C ~ +85 °C OO O O O O E: 0 °C ~ +55 °C OO O O O O F: -10 °C ~ +70 °C OO O O O O G: -30 °C ~ +75 °C OO O O O O H: -20 °C ~ +75 °C OO O O O O K: -40 °C ~ +85 °C OO O O L: -20 °C ~ +85 °C OO O O O O M: -30 °C ~ +85 °C OO O O • standard O available Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant Oscillator · VX3 · 3.3 Volt Oscillator · (VC)TCXO · JT32(V) actual size #1 #3 #4 #6 3.2±0.15 3.0 1.0 1.6 #2 #1 #4 #3 0.7 #5 #2 top view side view bottom view pad layout Dimensions TCXO JT32 # 1: GND # 2: nc # 3: GND # 4: output # 5: nc # 6: VDC VCTCXO JT32V # 1: Vcontrol # 2: nc # 3: GND # 4: output # 5: nc # 6: VDC ■ low power VCTCXO or TCXO ■ temperature range -40 °C ~ +85 °C available ■ reflow soldering temperature: 260 °C max. ■ ceramic/metal package pin connection in mm Table 1: Frequency Stability vs. Temperature Note - TCXO JT32: pin #1 connected to ground - VCTCXO JT32V: pin #1 connected to control voltage - external AC coupling for output recommended Order Information O frequency in MHz frequency stability code operating temp. code supply voltage Oscillator 10.0 ~ 45.0 MHz JT32 = TCXO JT32V = VCTCXO A - Z see table 1 A - K see table 1 2.5 = 2.5 V 2.8 = 2.8 V 3.0 = 3.0 V 3.3 = 3.3 V type Example: O 13.0-JT32-A-G-3.3 (Suffix LF = RoHS compliant / Pb free pads) General Data type frequency range frequency at +25 °C stability temperature aging first year supply voltage load change current consumption max. supply voltage VDC temperature operating storage output load nom. level min. external tuning range JT32 V external tuning voltage start-up time max. phase noise at 100Hz at ƒo at 1KHz 13 MHz at 10KHz JT32 / JT32V 8.0 ~ 45.0 MHz ± 0.5ppm ± 1ppm ~ ± 5ppm (table 1) ± 1ppm ± 0.2ppm (at VDC ± 5%) ± 0.2ppm 2.5mA max. 2.5 / 2.8 / 3.0 / 3.3 (± 5%) see table 1 -40 °C ~ +85 °C 10K Ω // 10pF 0.8Vpp (clipped sine) ± 8ppm min. 1.5 V ± 1.0 V 2.5 ms -113 dBc/Hz -135 dBc/Hz -145 dBc/Hz Temp. Compensated Crystal Oscillator · 3.2 x 2.5 mm do not connect pin # 2 and # 5 and center pads 270109 |
Similar Part No. - O13.0-JT32-C-D-3.3 |
|
Similar Description - O13.0-JT32-C-D-3.3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |