Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81150A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 81150A
Description  Pulse Function Arbitrary Noise Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

81150A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  81150A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
• 1 µHz – 120 MHz pulse generation with variable rise/fall time
• 1 µHz – 240 MHz sine waveform output
• 14-bit, 2 GSa/s arbitrary waveforms
• 512k samples deep arbitrary waveform memory per channel
• Pulse, sine, square, ramp, noise and arbitrary waveforms
• Noise, with an adjustable crest factor, and signal repetition time of 26 days
• FM, AM, PM, PWM, FSK modulation capabilities
• 1 or 2 channel, coupled and uncoupled
• Differential outputs
• Two selectable output amplifiers:
◦ High bandwidth amplifier
Amplitude: 50 mVpp to 5 Vpp; 50 Ω into 50 Ω
100 mVpp to 10 Vpp; 50 Ω into open
Voltage window: ± 5 V; 50 Ω into 50 Ω
± 10 V; 50 Ω into open
± 9 V; 5 Ω into 50 Ω
◦ High voltage amplifier
Amplitude: 100 mVpp to 10 Vpp; 50 Ω into 50 Ω, 200 m pp to 20 Vpp;
5 Ω into 50 Ω, or 50 Ω into open
Voltage window: ± 10 V; 50 Ω into 50 Ω
± 20 V; 5 Ω into 50 Ω or 50 Ω into open
• Glitch free change of timing, parameters
(delay, frequency, transition time, width, duty cycle)
• Programming language compatible with Agilent 81101A, 81104A, 81105A
• ISO 17025 and Z540 calibration
• LXI class C compliant
• Optional pattern generator:
◦ Ideal and arbitrary bit shaped pattern up to 120 Mbit/s
◦ Three level signals
◦ PRBS up to 2^31
◦ 16 Mbit Pattern Memory
◦ Pass through pattern for combined and physical and protocol test up to 10 Mbit/s
The 81150A Pulse Function
Arbitrary Noise Generator
at a Glance


Similar Part No. - 81150A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
More results

Similar Description - 81150A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
   ARBITRARY FUNCTION GENERATOR
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
   Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
   Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
   Arbitrary Function Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com