Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMMC-3022 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HMMC-3022
Description  DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-2 Prescaler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-3022 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HMMC-3022 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HMMC-3022 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Symbol
Parameters/Conditions
Min.
Typ.
Max.
Units
VCC – VEE
Operating bias supply difference1
4.5
5.0
6.5
volts
|ICC| or |IEE|
Bias supply current
(HIGH Output Power Configuration2: VPwrSel = VEE)
34
40
46
mA
Bias supply current
(LOW Output Power Configuration: VPwrSel = open)
25
30
35
mA
VRFin(q)
Quiescent dc voltage appearing at all RF ports
VCC
volts
VRFout(q)
VLogic
Nominal ECL Logic Level
(VLogic contact self-bias voltage, generated on-chip)
VCC -1.45
VCC -1.35
VCC -1.25
volts
Notes
1. Prescaler will operate over full specified supply voltage range, VCC or VEE not to exceed limits specified in Absolute Maximum Ratings section.
2. High output power configuration: Pout = 0 dBm (Vout = 0.5 Vp-p). Low output power configuration: Pout = -6.0 dBm (Vout = 0.25 Vp-p)
dc Specifications/Physical Properties
(TA = 25°C, VCC – VEE = 5.0 volts, unless otherwise listed)
Symbol
Parameters/Conditions
Min.
Typ.
Max.
Units
ƒin(max)
Maximum input frequency of operation
12
14
GHz
ƒin(min)
Minimum input frequency of operation1
0.2
0.3
GHz
(Pin = -10 dBm)
ƒSelf–Osc.
Output Self-Oscillation Frequency2
6.8
GHz
Pin
@ dc, (Square-wave input)
-15
> -25
+10
dBm
@ ƒin = 500 MHz, (Sine-wave input)
-15
> -20
+10
dBm
ƒin = 1 to 8 GHz
-15
> -20
+10
dBm
ƒin = 8 to 10 GHz
-10
> -15
+ 5
dBm
ƒin = 10 to 12 GHz
-5
> -10
-1
dBm
RL
Small-Signal Input/Output Return Loss (@ ƒin < 10 GHz)
15
dB
S12
Small-Signal Reverse Isolation (@ ƒin < 10 GHz)
30
dB
φN
SSB Phase noise (@ Pin = 0 dBm, 100 kHz offset from a
-153
dBc/Hz
ƒout = 1.2 GHz Carrier)
Jitter
Input signal time variation @ zero–crossing
1
ps
in = 10 GHz, Pin = -10 dBm)
Tr or Tf
Output edge speed (10% to 90% rise/fall time)
70
ps
Notes
1. For sine-wave inpout signal. Prescaler will operate down to D.C. for square-wave input signal. Minimum divide frequency limited by input slew-rate.
2. Prescaler may exhibit this output signal under bias in the absence of an RF input signal. This condition may be eliminated by use of the Pre-amp
Disable ( VDisable) feature, or the Differential Input de-biasing technique.
RF Specifications
(TA = 25°C, Z0 = 50 Ω, VCC – VEE = 5.0 volts)


Similar Part No. - HMMC-3022

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-3024 HP-HMMC-3024 Datasheet
791Kb / 8P
   DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-4 Prescaler
HMMC-3028 HP-HMMC-3028 Datasheet
790Kb / 9P
   DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-8 Prescaler
More results

Similar Description - HMMC-3022

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-3028 HP-HMMC-3028 Datasheet
790Kb / 9P
   DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-8 Prescaler
HMMC-3024 HP-HMMC-3024 Datasheet
791Kb / 8P
   DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-4 Prescaler
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
   DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
logo
Hittite Microwave Corpo...
HMC363 HITTITE-HMC363_07 Datasheet
212Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363 HITTITE-HMC363_09 Datasheet
201Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363 AD-HMC363 Datasheet
311Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC364 HITTITE-HMC364_09 Datasheet
192Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC361 HITTITE-HMC361_09 Datasheet
190Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364 HITTITE-HMC364_07 Datasheet
209Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com