Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA6316-EEU Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA6316-EEU
Description  6 - 17 GHz Dual-Channel Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA6316-EEU Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA6316-EEU Datasheet HTML 1Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 2Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 3Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 4Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 5Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 6Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 7Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 8Page - TriQuint Semiconductor TGA6316-EEU Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
3
TGA6316-EEU


Similar Part No. - TGA6316-EEU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA6345 TRIQUINT-TGA6345 Datasheet
542Kb / 6P
   2 - 18 GHz Gain Block Amplifier
TGA6345-EEU TRIQUINT-TGA6345-EEU Datasheet
542Kb / 6P
   2 - 18 GHz Gain Block Amplifier
More results

Similar Description - TGA6316-EEU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2522-SM TRIQUINT-TGA2522-SM_15 Datasheet
446Kb / 17P
   17 24 GHz Power Amplifier
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
   Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA9088A TRIQUINT-TGA9088A Datasheet
461Kb / 4P
   17-21 GHz Intermediate Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA2565-SM TRIQUINT-TGA2565-SM_15 Datasheet
621Kb / 13P
   11 17 GHz Medium Power Amplifier
logo
Excelics Semiconductor,...
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
logo
Excelics Semiconductor,...
EMP209-P1 EXCELICS-EMP209-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com