Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7636 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7636
Description  65K Color Dot Matrix LCD Controller/Driver
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7636 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7636 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7636 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
ST7636
Ver 1.3
8/99
2006/08/15
PIN Name
PAD
No.
CSEL=0
CSEL=1
X
Y
349
SEG[81]
-4419.0
670.5
350
SEG[80]
-4459.0
670.5
351
SEG[79]
-4499.0
670.5
352
SEG[78]
-4539.0
670.5
353
SEG[77]
-4579.0
670.5
354
SEG[76]
-4619.0
670.5
355
SEG[75]
-4659.0
670.5
356
SEG[74]
-4699.0
670.5
357
SEG[73]
-4739.0
670.5
358
SEG[72]
-4779.0
670.5
359
SEG[71]
-4819.0
670.5
360
SEG[70]
-4859.0
670.5
361
SEG[69]
-4899.0
670.5
362
SEG[68]
-4939.0
670.5
363
SEG[67]
-4979.0
670.5
364
SEG[66]
-5019.0
670.5
365
SEG[65]
-5059.0
670.5
366
SEG[64]
-5099.0
670.5
367
SEG[63]
-5139.0
670.5
368
SEG[62]
-5179.0
670.5
369
SEG[61]
-5219.0
670.5
370
SEG[60]
-5259.0
670.5
371
SEG[59]
-5299.0
670.5
372
SEG[58]
-5339.0
670.5
373
SEG[57]
-5379.0
670.5
374
SEG[56]
-5419.0
670.5
375
SEG[55]
-5459.0
670.5
376
SEG[54]
-5499.0
670.5
377
SEG[53]
-5539.0
670.5
378
SEG[52]
-5579.0
670.5
379
SEG[51]
-5619.0
670.5
380
SEG[50]
-5659.0
670.5
381
SEG[49]
-5699.0
670.5
382
SEG[48]
-5739.0
670.5
383
SEG[47]
-5779.0
670.5
PIN Name
PAD
No.
CSEL=0
CSEL=1
X
Y
384
SEG[46]
-5819.0
670.5
385
SEG[45]
-5859.0
670.5
386
SEG[44]
-5899.0
670.5
387
SEG[43]
-5939.0
670.5
388
SEG[42]
-5979.0
670.5
389
SEG[41]
-6019.0
670.5
390
SEG[40]
-6059.0
670.5
391
SEG[39]
-6099.0
670.5
392
SEG[38]
-6139.0
670.5
393
SEG[37]
-6179.0
670.5
394
SEG[36]
-6219.0
670.5
395
SEG[35]
-6259.0
670.5
396
SEG[34]
-6299.0
670.5
397
SEG[33]
-6339.0
670.5
398
SEG[32]
-6379.0
670.5
399
SEG[31]
-6419.0
670.5
400
SEG[30]
-6459.0
670.5
401
SEG[29]
-6499.0
670.5
402
SEG[28]
-6539.0
670.5
403
SEG[27]
-6579.0
670.5
404
SEG[26]
-6619.0
670.5
405
SEG[25]
-6659.0
670.5
406
SEG[24]
-6699.0
670.5
407
SEG[23]
-6739.0
670.5
408
SEG[22]
-6779.0
670.5
409
SEG[21]
-6819.0
670.5
410
SEG[20]
-6859.0
670.5
411
SEG[19]
-6899.0
670.5
412
SEG[18]
-6939.0
670.5
413
SEG[17]
-6979.0
670.5
414
SEG[16]
-7019.0
670.5
415
SEG[15]
-7059.0
670.5
416
SEG[14]
-7099.0
670.5
417
SEG[13]
-7139.0
670.5
418
SEG[12]
-7179.0
670.5


Similar Part No. - ST7636

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7636

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com