Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7687S Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST7687S
Description  128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7687S Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST7687S Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 195 page
background image
ST7687S
Ver1.4
3/195
2009/10
7.9.3.
EEPROM Setting Flow .................................................................................................. 55
7.10
Frquency Temperature Gradient Compensation Coefficient .......................... 56
7.11
Reset Circuit .................................................................................................. 57
8. INSTRUCTIONS .....................................................................................58
8.1
Instruction table.............................................................................................. 58
8.1.1.
NOP (00h)....................................................................................................................... 63
8.1.2.
SWRESET: Software Reset (01h) ................................................................................ 64
8.1.3.
RDDST: Read Display Status (09h) ............................................................................. 65
8.1.4.
RDDPM: Read Display Power Mode (0Ah) ................................................................. 67
8.1.5.
RDDMADCTR: Read Display MADCTR (0Bh)............................................................. 69
8.1.6.
RDDCOLMOD: Read Display Pixel Format (0Ch) ...................................................... 71
8.1.7.
RDDIM: Read Display Image Mode (0Dh) ................................................................... 73
8.1.8.
RDDSM: Read Display Signal Mode (0Eh).................................................................. 75
8.1.9.
SLPIN: Sleep In (10h).................................................................................................... 77
8.1.10.
SLPOUT: Sleep Out (11h)............................................................................................. 79
8.1.11.
PTLON: Partial Display Mode On (12h)....................................................................... 81
8.1.12.
NORON: Normal Display Mode On (13h) .................................................................... 82
8.1.13.
INVOFF: Display Inversion Off (20h)........................................................................... 83
8.1.14.
INVON: Display Inversion On (21h)............................................................................. 84
8.1.15.
APOFF: All Pixels Off (22h) (Only for Test Purposes) .............................................. 86
8.1.16.
APON: All Pixels On (23h) (Only for Test Purposes) ................................................ 88
8.1.17.
WRCNTR: Write Contrast (25h) ................................................................................... 90
8.1.18.
DISPOFF: Display Off (28h) ......................................................................................... 91
8.1.19.
DISPON: Display On (29h)............................................................................................ 93
8.1.20.
CASET: Column Address Set (2Ah) ............................................................................ 95
8.1.21.
RASET: Row Address Set (2Bh).................................................................................. 97
8.1.22.
RAMWR: Memory Write (2Ch) ..................................................................................... 99
8.1.23.
RAMRO : Memory Read (2EH) ................................................................................... 100
8.1.24.
PTLAR: Partial Area (30h) .......................................................................................... 102
8.1.25.
SCRLAR: Scroll Area (33h) ........................................................................................ 105
8.1.26.
TEOFF: Tearing Effect Line OFF (34h)...................................................................... 108
8.1.27.
TEON: Tearing Effect Line ON (35h) ......................................................................... 109
8.1.28.
MADCTR: Memory Data Access Control (36h) ........................................................ 111
8.1.29.
VSCSAD: Vertical Scroll Start Address of RAM (37h)............................................. 113
8.1.30.
IDMOFF: Idle Mode Off (38h)...................................................................................... 115
8.1.31.
IDMON: Idle Mode On (39h)........................................................................................ 116
8.1.32.
COLMOD: Interface Pixel Format (3Ah).................................................................... 118
8.1.33.
RDID: Read ID Value (DAh) ........................................................................................ 120


Similar Part No. - ST7687S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
More results

Similar Description - ST7687S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7689 SITRONIX-ST7689 Datasheet
2Mb / 195P
   128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
   320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com