Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST8062A_M Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST8062A_M
Description  10 BASE-T QUAD SMT TRANSFORMER MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST8062A_M Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST8062A_M Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10 BASE-T QUAD SMT TRANSFORMER MODULES
P/N: 40ST8062A DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/06)
Feature
Family of parts-common footprint and pinout with a choice of
filtering for customized EMI performance.
IC grade transfer-molded package withstands 235°C peak
temperature performance.
Space-efficient- 12 ports across 3.6 inches for optimal PCB
layout.
Operating temperature range : 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
Sine wave OCL
(•H Min)
@ 100KHz/20mV
L.L
(•H Max)
@ 100KHz/20mV
Cw/w
(pF Max)
HI-POT
(Vrms)
40ST8062A 1CT:1.41CT
1:1
150
0.4
18
1500
Continue
Return Loss(dB Min)
(5 - 10MHz)
DCMR
TX (dB Min)
Part
Number
100 •
98±13•
5MHz
10MHz
50MHz
100MHz
200MHz
40ST8062A
-20
-15
-60
-50
-35
-25
-20
Schematic
Mechanical


Similar Part No. - 40ST8062A_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8062A_S BOTHHAND-40ST8062A_S Datasheet
189Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
More results

Similar Description - 40ST8062A_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8062C BOTHHAND-40ST8062C Datasheet
303Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062A_S BOTHHAND-40ST8062A_S Datasheet
189Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8050D_S BOTHHAND-40ST8050D_S Datasheet
195Kb / 1P
   40 PIN 10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8050E BOTHHAND-40ST8050E Datasheet
389Kb / 1P
   40 PIN 10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8050D_M BOTHHAND-40ST8050D_M Datasheet
195Kb / 1P
   40 PIN 10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8050C_M BOTHHAND-40ST8050C_M Datasheet
194Kb / 1P
   40 PIN SMD 10-BASE T QUAD SMT TRANSFORMER MODULES
40ST8050C_S BOTHHAND-40ST8050C_S Datasheet
194Kb / 1P
   40 PIN SMD 10-BASE T QUAD SMT TRANSFORMER MODULES
logo
XFMRS Inc.
XF10B2Q1 XFMRS-XF10B2Q1 Datasheet
155Kb / 1P
   10BASE-T Quad SMT Transformer Modules
X10B2Q3H XFMRS-X10B2Q3H_15 Datasheet
96Kb / 1P
   10BASE-T Quad SMT Transformer Modules
XF10B2Q2 XFMRS-XF10B2Q2 Datasheet
77Kb / 1P
   10BASE-T Quad SMT Transformer Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com