Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA8161-SCC Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA8161-SCC
Description  Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8161-SCC Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA8161-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA8161-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA8161-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA8161-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA8161-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA8161-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA8161-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
3
TGA8161-SCC


Similar Part No. - TGA8161-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8014 TRIQUINT-TGA8014 Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
TGA8014-SCC TRIQUINT-TGA8014-SCC Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
TGA8014-SCC TRIQUINT-TGA8014-SCC Datasheet
181Kb / 10P
   6 - 18 GHz Power Amplifier
TGA8014-SCC TRIQUINT-TGA8014-SCC_15 Datasheet
181Kb / 10P
   6 - 18 GHz Power Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
More results

Similar Description - TGA8161-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
TGA8300 TRIQUINT-TGA8300 Datasheet
176Kb / 7P
   Gain Block Amplifier
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
HMC3587LP3BE AD-HMC3587LP3BE Datasheet
336Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
logo
TriQuint Semiconductor
TGA8226 TRIQUINT-TGA8226 Datasheet
650Kb / 8P
   2 - 6 GHz Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com