Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA8226-SCC Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA8226-SCC
Description  2 - 6 GHz Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8226-SCC Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA8226-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA8226-SCC Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
5
TGA8226-SCC
EQUIVALENT
SCHEMATIC
TYPICAL BIAS
NETWORK
(DC-Blocked Bias Circuit)
(DC-Coupled Bias Circuit)


Similar Part No. - TGA8226-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
TGA8286-EPU TRIQUINT-TGA8286-EPU Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
More results

Similar Description - TGA8226-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA6345 TRIQUINT-TGA6345 Datasheet
542Kb / 6P
   2 - 18 GHz Gain Block Amplifier
TGA8810-SCC TRIQUINT-TGA8810-SCC_15 Datasheet
405Kb / 9P
   2-10 GHz Gain Block Amplifier
TGA8622 TRIQUINT-TGA8622 Datasheet
579Kb / 7P
   2 - 20 GHz Gain Block Amplifier
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com