Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA9083 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA9083
Description  Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA9083 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA9083 Datasheet HTML 1Page - TriQuint Semiconductor TGA9083 Datasheet HTML 2Page - TriQuint Semiconductor TGA9083 Datasheet HTML 3Page - TriQuint Semiconductor TGA9083 Datasheet HTML 4Page - TriQuint Semiconductor TGA9083 Datasheet HTML 5Page - TriQuint Semiconductor TGA9083 Datasheet HTML 6Page - TriQuint Semiconductor TGA9083 Datasheet HTML 7Page - TriQuint Semiconductor TGA9083 Datasheet HTML 8Page - TriQuint Semiconductor TGA9083 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TGA9083-EEU
5
TYPICAL S-PARAMETERS
Frequency
S11
S21
S12
S22
(GHz)
dB
ANG(°)
dB
ANG(°)
dB
ANG(°)
dB
ANG(°)
6.5
-14.31
-78.1
21.77
168.2
-64.33
88.1
-14.44
114.4
6.6
-13.64
-94.1
21.69
146.0
-60.56
81.2
-14.21
89.3
6.7
-13.08
-107.7
21.42
125.7
-58.66
70.2
-14.24
69.1
6.8
-12.72
-118.8
21.09
107.0
-57.67
59.6
-14.50
50.1
6.9
-12.36
-128.4
20.74
89.7
-57.01
48.2
-14.91
34.3
7.0
-12.15
-136.9
20.40
73.4
-56.72
37.4
-15.53
17.3
7.1
-11.94
-144.3
20.12
57.9
-56.97
28.1
-16.28
1.9
7.2
-11.81
-151.0
19.88
43.1
-57.08
20.2
-16.99
-14.2
7.3
-11.71
-157.2
19.69
28.9
-57.77
11.7
-17.83
-30.1
7.4
-11.62
-163.0
19.55
14.9
-57.76
4.5
-18.52
-46.3
7.5
-11.54
-168.6
19.48
1.3
-57.76
-5.0
-19.16
-61.9
7.6
-11.48
-174.6
19.44
-12.1
-57.71
-14.8
-19.83
-75.8
7.7
-11.46
179.6
19.45
-25.4
-58.13
-28.3
-20.05
-88.6
7.8
-11.49
173.5
19.51
-38.6
-58.49
-39.3
-20.59
-98.0
7.9
-11.56
167.5
19.61
-51.8
-58.82
-50.7
-20.68
-105.8
8.0
-11.64
161.1
19.75
-65.0
-58.75
-62.5
-20.89
-108.7
8.1
-11.84
154.7
19.93
-78.4
-59.10
-79.3
-20.52
-109.5
8.2
-12.00
148.0
20.16
-92.1
-59.09
-95.6
-19.67
-108.5
8.3
-12.27
140.8
20.41
-106.1
-59.22
-113.4
-18.60
-107.9
8.4
-12.59
133.2
20.67
-120.4
-58.89
-133.1
-17.09
-109.5
8.5
-13.03
124.8
20.93
-135.0
-58.80
-149.5
-15.59
-112.4
8.6
-13.55
115.8
21.18
-150.0
-58.78
-170.2
-14.14
-117.2
8.7
-14.20
106.2
21.39
-165.3
-58.42
173.1
-12.89
-124.4
8.8
-15.00
95.7
21.56
179.2
-58.06
152.0
-11.82
-132.0
8.9
-15.96
84.3
21.67
163.6
-57.95
133.7
-10.98
-141.0
9.0
-16.95
72.4
21.72
147.9
-57.57
114.0
-10.41
-150.3
9.1
-18.19
59.3
21.71
132.2
-57.49
93.9
-9.98
-160.1
9.2
-19.31
45.4
21.63
116.7
-57.13
77.9
-9.83
-170.4
9.3
-20.44
29.9
21.49
101.3
-57.62
59.4
-9.84
179.4
9.4
-21.28
14.1
21.30
86.3
-57.57
40.5
-10.03
168.5
9.5
-21.77
-3.6
21.07
71.4
-57.59
20.7
-10.44
158.1
9.6
-21.75
-19.6
20.81
56.8
-57.61
3.4
-10.91
147.1
9.7
-21.45
-35.6
20.52
42.5
-57.36
-15.4
-11.62
136.0
9.8
-20.72
-48.2
20.24
28.3
-57.08
-32.3
-12.32
124.6
9.9
-19.95
-58.9
19.95
14.3
-56.69
-51.1
-13.23
112.1
10.0
-19.15
-68.3
19.67
0.4
-56.18
-64.5
-14.16
100.1
10.1
-18.33
-76.7
19.38
-13.4
-55.71
-80.0
-15.11
86.9
10.2
-17.51
-84.1
19.11
-27.2
-54.67
-92.3
-16.20
73.2
10.3
-16.67
-91.4
18.86
-41.1
-54.34
-106.2
-17.11
59.2
10.4
-15.95
-98.1
18.61
-55.0
-53.49
-119.4
-18.22
43.6
10.5
-15.23
-104.5
18.37
-69.0
-53.00
-133.6
-19.22
28.4
10.6
-14.62
-110.8
18.13
-83.0
-52.35
-144.6
-20.24
11.4
10.7
-13.99
-117.4
17.89
-97.2
-51.80
-155.4
-21.37
-7.1
10.8
-13.41
-123.9
17.65
-111.8
-51.56
-166.5
-22.33
-26.6
10.9
-12.87
-130.8
17.42
-126.3
-51.12
-178.6
-23.12
-50.8
11.0
-12.39
-137.8
17.17
-141.0
-50.77
170.8
-23.74
-75.6
11.1
-11.97
-145.6
16.93
-156.2
-50.69
159.1
-23.25
-104.2
11.2
-11.57
-153.5
16.64
-171.4
-50.33
147.9
-22.17
-131.1
11.3
-11.21
-162.1
16.34
173.1
-50.57
136.5
-20.63
-153.4
11.4
-10.91
-171.2
16.00
157.3
-50.76
124.9
-18.89
-174.0
11.5
-10.63
179.2
15.63
141.4
-50.93
112.2
-17.29
168.8
T
A = 25 ° C,
V
D= +8 V , ID= 1.1 A
Reference planes for S - parameter data include bond wires as specified in the “Recom mended Assembly Diagram.”
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


Similar Part No. - TGA9083

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9088A TRIQUINT-TGA9088A Datasheet
461Kb / 4P
   17-21 GHz Intermediate Power Amplifier
TGA9088A-EPU TRIQUINT-TGA9088A-EPU Datasheet
461Kb / 4P
   17-21 GHz Intermediate Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
More results

Similar Description - TGA9083

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com