Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25836B4197A305 Datasheet(PDF) 3 Page - EPCOS

Part # B25836B4197A305
Description  Film capacitors - Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25836B4197A305 Datasheet(HTML) 3 Page - EPCOS

  B25836B4197A305 Datasheet HTML 1Page - EPCOS B25836B4197A305 Datasheet HTML 2Page - EPCOS B25836B4197A305 Datasheet HTML 3Page - EPCOS B25836B4197A305 Datasheet HTML 4Page - EPCOS B25836B4197A305 Datasheet HTML 5Page - EPCOS B25836B4197A305 Datasheet HTML 6Page - EPCOS B25836B4197A305 Datasheet HTML 7Page - EPCOS B25836B4197A305 Datasheet HTML 8Page - EPCOS B25836B4197A305 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Film capacitors – Power Factor Correction
B25836B4197A305
MKV capacitors
MKV400-D-10-02/MKV440-D-12-02-02
FK PC OH RD
September 2008
Please read Cautions and warnings and
Page 3 of 9
Important notes at the end of this document.
Maximum ratings
Vmax (up to 8 h daily)
480 V AC
Vmax (up to 1 min)
570 V AC
Imax
3 x 55 A (TA = 60 °C, VR)
IS
11 kA
Test data
VTT
950 V AC/50 Hz during 10 s
VTC
3000 V AC/50 Hz during 10 s
tan δ (50 Hz)*
≤ 0.3 W/kvar (total)
*without discharge resistors
Climatic category
Tmin
–40 ºC
Tmax
+70 ºC
Humidity Hrel
max. 95%
Maximum altitude
4000 m
Mean life expectancy
tLD
up to 300 000 h at temperature class -40/D
max. 20 000 switchings per year according to IEC 60831-1+/2
max. 50 000 switchings per year according to IEC 60831-1+/2 in case
standard PFC reactors are applied
Terminals
Degree of protection
Isolated terminals, IP20
Max. torque
1.2 Nm
Terminal cross section
16 mm
2 (5 AWG)
Maximum terminal current
55 A
Creepage distance
12.7 mm
Clearance
9.6 mm
Design data
Dimensions (
∅ × l)
116.2 × 248 mm
Weight approx
3.1 kg
Impregnation
Oil
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Upright/horizontal


Similar Part No. - B25836B4197A305

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25836B4207A305 EPCOS-B25836B4207A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction
B25836B4247A305 EPCOS-B25836B4247A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction
B25836B4277A305 EPCOS-B25836B4277A305 Datasheet
465Kb / 9P
   Film capacitors - Power Factor Correction
B25836B4337A305 EPCOS-B25836B4337A305 Datasheet
424Kb / 9P
   Film capacitors - Power Factor Correction
B25836B4347A305 EPCOS-B25836B4347A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction
More results

Similar Description - B25836B4197A305

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com