Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5530 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 5530
Description  Dynamic Calibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5530 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 5530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Optics and Accessories
Straightness / Squareness Optics
9
Agilent 10772A Tuning Mirror
Agilent 10774A Short Range Straightness Optics/10775A Long Range Straightness Optics
Agilent 10776A Straightness Mount
Agilent 10776-67001 Straightness Retroreflector
M3 × 0.5
(4 Places)
40.0 mm
(1.57 in)
40.0 mm
(1.57 in)
Aperture Dia
20.0 mm
(0.79 in)
(2 Places)
Captive Screw
(2 Places)
30.0 mm
(1.18 in)
40.0 mm
(1.57 in)
30.0 mm
(1.18 in)
Net Wt: 510g (1.2 lb) w/Mount
M3 × 0.5
(16 Places)
30.0 mm
(1.18 in)
30.0 mm
(1.18 in)
25.0 mm
(0.98 in)
110.0 mm
(4.33 in)
Net Weight: 800g (28.2 oz)
Angular Reflector
40.0 mm
(1.57 in)
Aperture Dia
8.0
98.0 mm
(0.31× 3.66 in)
×
Aperture Dia
7.9 mm
(0.31 in)
20.0 mm
(0.79 in)
32.0 mm
(1.26 in)
21.0 mm
(0.83 in)
M3
0.5
(2 Places)
Net Weight: 164g (5.8 oz)
Straightness Interferometer
1 A 0 1 0 1
A
NG
ULAR REF
L
32.0 mm
(1.26 in)
×
M10
1.5
Clears M3
0.5
(2 Places)
86.2 mm
(3.39 in)
M10
1.5
Aperture Dia
63.5 mm
(2.5 in)
99.1 mm
(3.90 in)
76.2 mm
(3.00 in)
Net Wt: 374g (0.82 lb)
×
×
×
90.0 mm
(3.54)
51.0 mm
(2.01)
25.5 mm
(1.00)
11.7 mm
(0.46 in)
19.1 Dia Thru
(.75 Dia)
36.0 mm
(1.42)
18.0 mm
(0.71)
55.0 mm
(2.17)
38.0 mm
(1.50)
11.0 Dia C'Sink
Tap M10 x 1.5
(6H) Thru
40.0 mm
(1.57 in)
F
F


Similar Part No. - 5530

ManufacturerPart #DatasheetDescription
logo
Littelfuse
55300 LITTELFUSE-55300 Datasheet
383Kb / 3P
   55300 Flat Pack Rotary Hall Sensor
logo
Festo Corporation.
553032 FESTO-553032 Datasheet
76Kb / 1P
   Active carbon filter
3/10/22
553034 FESTO-553034 Datasheet
76Kb / 1P
   Active carbon filter
3/10/22
553036 FESTO-553036 Datasheet
53Kb / 1P
   Micro filter cartridge
3/10/22
553037 FESTO-553037 Datasheet
52Kb / 1P
   Fine filter cartridge
3/10/22
More results

Similar Description - 5530

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
   Voltage Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
   Infrared Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
412400 EXTECH-412400 Datasheet
133Kb / 8P
   Multifunction Process Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
   Process Calibrator MultiMeter
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
   Microprocessor Calibrator Thermometer
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com