Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E8663D Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # E8663D
Description  PSG RF Analog Signal Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E8663D Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button E8663D Datasheet HTML 3Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 4Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 5Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 6Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 7Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 8Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 9Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 10Page - Agilent(Hewlett-Packard) E8663D Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Resolution
0.01 dB
Temperature stability
0.02 dB/°C (typ)
User flatness correction
Number of points
2 to 1601 points/table
Number of tables
Up to 10,000, memory limited
Path loss
Arbitrary, within attenuator range
Entry modes
Remote power meter 1, remote bus, manual (user edit/view)
Output impedance
50 Ω (nom)
SWR (internally leveled)
250 kHz to 2 GHz
> 2 GHz to 9 GHz
< 1.4:1 (typ)
< 1.6:1 (typ)
Leveling modes
Internal leveling, external detector leveling, ALC off
External detector leveling
Range
–0.2 mV to –0.5 V (nom) (–36 dBm to +4 dBm using
Agilent 33330D/E detector)
Bandwidth
Selectable 0.1 to 100 kHz (nom)
(Note: not intended for pulsed operation)
Maximum reverse power
1/2 Watt, 0 V DC
Adjustable RF output limit
Function
Protects external devices by limiting maximum RF output.
Operates in all leveling modes (internal, external).
Range
User-adjustable from +15 dBm to maximum output power
Accuracy
+15 to +25 dBm
±1 dB (typical)
> +25 dBm
±1.5 dB (typical)
Resolution
1 dB
Response Time
30 µsec (measured)
Adjustment
Can be locked to prevent accidental change
RF output limit (measured)
1. Compatible with Agilent EPM Series (E4418B and E4419B) power meters.
Adjustable RF Output Limit
Frequency [GHz]
22
20
28
0
18
16
14
26
24
2
4
6
8
15 dBm
20 dBm
23 dBm
Max Power


Similar Part No. - E8663D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E8663D KEYSIGHT-E8663D Datasheet
3Mb / 25P
   PSG RF Analog Signal Generator
More results

Similar Description - E8663D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E8663D KEYSIGHT-E8663D Datasheet
3Mb / 25P
   PSG RF Analog Signal Generator
logo
Agilent(Hewlett-Packard...
E4428C HP-E4428C Datasheet
826Kb / 22P
   Analog Signal Generator
E8663B HP-E8663B Datasheet
277Kb / 20P
   Analog Signal Generator
logo
Keysight Technologies
N9310A KEYSIGHT-N9310A Datasheet
550Kb / 8P
   RF Signal Generator
E8257D KEYSIGHT-E8257D Datasheet
5Mb / 37P
   Microwave Analog Signal Generator
logo
National Instruments Co...
PXIE-5672 NI-PXIE-5672 Datasheet
824Kb / 4P
   2.7 GHz RF Vector Signal Generator
logo
Keysight Technologies
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
   EXG X-Series Signal Generator N5173B Microwave Analog
N5183B KEYSIGHT-N5183B Datasheet
998Kb / 21P
   MXG X-Series Signal Generator N5183B Microwave Analog
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Hitachi Semiconductor
HA16670MP HITACHI-HA16670MP Datasheet
114Kb / 5P
   POSITION SIGNAL GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com