Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPI2520NHL1R5ME Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CPI2520NHL1R5ME
Description  DC-DC converter circuits for mobile equipment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CPI2520NHL1R5ME Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CPI2520NHL1R5ME Datasheet HTML 1Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions & Land pattern
CPI2520NHL Series
v Characteristics
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• DC-DC converter circuits for mobile equipment
Inductance vs. DC Current
Inductance vs. Frequency
2.5±0.2
2.0±0.2
0.6 max.
0.5±0.3
Recommend land pattern
3.4±0.2
1.0±0.2
2.5±0.2
(unit : mm)
• Small size (2.5mm x 2.0 mm, 1.0 mm height)
• Large rated current (Idc_1.6A @ 1.0uH)
• Magnetically shielded
• High efficiency (Inductive Energy)
• Fast mounting speed
• RoHS compliant
0.90
0.25
6.8
CPI2520NHL6R8ME
1.00
0.23
4.7
CPI2520NHL4R7ME
1.40
0.12
1.5
CPI2520NHL1R5ME
0.80
0.30
10
CPI2520NHL100ME
1.20
0.18
3.3
CPI2520NHL3R3ME
1.30
±
30%
0.14
2.2
CPI2520NHL2R2ME
1.50
0.10
±
20%
1.0
CPI2520NHL1R0ME
Δ
T=40deg.C
Tolerance
(Ω)
Tolerance
(μH)
Rated Current (A)
DC Resistance
Inductance at 1 MHz
Part Number
1
10
100
1000
3000
0.1
1
10
20
1
10
100
0.1
1
10
20
4R7
6R8
100
1R0
1R5
2R2
3R3
DC Current (mA)
4R7
6R8
100
1R0
1R5
2R2
3R3
4R7
6R8
100
1R0
1R5
2R2
3R3
Frequency (MHz)
DPS-081104
CHIP POWER INDUCTORS


Similar Part No. - CPI2520NHL1R5ME

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL1R5ME SAMWHA-CPI2520NLL1R5ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL2R2ME SAMWHA-CPI2520NLL2R2ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL3R3ME SAMWHA-CPI2520NLL3R3ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL4R7ME SAMWHA-CPI2520NLL4R7ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
More results

Similar Description - CPI2520NHL1R5ME

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2012NHL1R0ME SAMWHA-CPI2012NHL1R0ME Datasheet
112Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3216SHL1R0ME SAMWHA-CPI3216SHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3225NLL1R0ME SAMWHA-CPI3225NLL1R0ME Datasheet
109Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI1608NHQ1R0MT SAMWHA-CPI1608NHQ1R0MT Datasheet
106Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3225NHL1R0ME SAMWHA-CPI3225NHL1R0ME Datasheet
108Kb / 1P
   DC-DC converter circuits for mobile equipment
logo
Rohm
BD1937G ROHM-BD1937G Datasheet
291Kb / 6P
   Step-up DC/DC converter for mobile phone
BD6067GU ROHM-BD6067GU Datasheet
314Kb / 6P
   Step-up DC/DC converter for mobile phone
BD9560MUV ROHM-BD9560MUV Datasheet
393Kb / 6P
   Step down DC/DC converter controller for mobile PC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com